Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1144 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1144 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1144 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
21-4
Freescale Semiconductor
10/100 Fast Ethernet Controller
Figure 21-3 details the Ethernet/IEEE 802.3 frame structure.
Figure 21-3. Ethernet/IEEE 802.3 Frame Structure With More Details
Relative to Figure 21-3, the IEEE 802.3 section 3.11 (MAC frame format) defines the frame
format such that the octets of a frame are transmitted from left to right (preamble first, the FCS
last), and the bits of each octet are transmitted least-significant bit (lsb) first. The destination
address example shown in Figure 21-3 (02608C:876543) which would normally be written as
0000 0010 0110 0000 1000 1100 1000 0111 0110 0101 0100 0011
is transmitted bit by bit as
0100 0000 0000 0110 0011 0001 1110 0001 1010 0110 1100 0010
which is an individual address (because the lsb is cleared) but locally-defined (because the second
least-significant bit is set).
When first originated, a type field was used for protocol identification. The IEEE 802.3
specification eliminated the type field, replacing it with the length field. The length field is used
to identify the length, in bytes, of the data field. The protocol type in 802.3 frames is held within
the data portion of the packet. The logical link control (LLC) is responsible for providing services
to the network layer regardless of media type, such as FDDI, Ethernet, token ring, and others. The
LLC layer makes use of LLC protocol data units (PDUs) in order to communicate between the
media access control (MAC) layer and the upper layers of the protocol stack. Three variables
determine access into the upper layers via the LLC-PDU.
The variables include the destination service access point (DSAP), the source service access point
(SSAP), and a control variable. The DSAP address specifies a unique identifier within the station
providing protocol information for the upper layer. The SSAP provides the same information for
the source address.
Start frame
delimiter
Preamble
Data
Destination
address
Source
address
Type/
Length
6 bytes
1 byte
7 bytes
Vendor
UserValue
2 bytes
Control
SSAP
DSAP
Information
6 bytes
46–1500 bytes
4 bytes
LLC frame
yzxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
Bit 0 (LSB)
Bit 47
Destination address
U/L
I/G
Example: 02608C : 876543 (02608C = 3COM, 876543 = UserValue assigned by 3COM)
Note: The lsb of each octet is transmitted first.
3 bytes
Frame check
sequence
Frame length is 64–1518 bytes
LLD destination address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com