Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1141 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1141 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1141 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-1
Chapter 21
10/100 Fast Ethernet Controller
The MPC8540 provides a 10/100 fast Ethernet controller (FEC) operating at 10 to 100 megabits
per second (Mbps) that can be used as a device debug and maintenance port. The three-speed
(10/100/1Gb) Ethernet controller (TSEC) is separate from this 10/100 Ethernet controller, and is
described in Chapter 14, “Three-Speed Ethernet Controllers.”
21.1 Introduction
The 10/100 Ethernet standard supports the IEEE 802.3 Ethernet frame format, backward
compatibility for installed media, and the use of full- or half-duplex CSMA/CD.
The Ethernet protocol implements the bottom two layers of the open systems interconnection
(OSI) 7-layer model, that is, the data link and physical layers. Figure 21-1 depicts the typical
Ethernet protocol stack and the relationship to the OSI model.
Figure 21-1. 10/100 Fast Ethernet Controller in Relation to the OSI Protocol Stack
Data Link
Physical
Logical link control (LLC)
Media access control (MAC)
OSI
Reference Model
Layers
LAN
CSMA/CD
Layers
Higher layers
10/100 Mbps
10/100 Ethernet
Reconciliation
PCS
PMA
PMD
MDI
MII
Physical medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com