Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1138 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1138 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1138 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-32
Freescale Semiconductor
Debug Features and Watchpoint Facility
Figure 20-22 shows the PCI trace buffer entry format when TBCR1[IFSEL] = 010.
Table 20-29 describes the fields of PCI trace buffer entries when TBCR1[IFSEL] = 010.
Figure 20-23 shows the format for RapidIO interface trace buffer entries when
TBCR1[IFSEL] = 011.
Table 20-30 describes the fields of the RapidIO interface trace buffer entries.
0
4
5
9
10
11
12
31 32
63
R
PCITT
PCISID
PCIBC
—
PCIADDR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Figure 20-22. PCI Trace Buffer Entry
Table 20-29. PCI Trace Buffer Entry Field Descriptions (TBCR1[IFSEL] = 010)
Bits
Name
Function
0–4
PCITT
Transaction type. Specifies the transaction type as shown in Table 20-12. For example, a value
of all zeros maps to write.
5–9
PCISID
Source ID. Identifies the source of the transaction as shown in Table 20-26. For example, a
value of 01100 identifies RapidIO as the transaction source.
10–11
PCIBC
Byte count. The size of the transaction.
00 32 bytes
01 8 bytes
10 16 bytes
11 24 bytes
12–31
—
Reserved
32–63 PCIADDR Address bits 0–31
0
4
5
9
10
13 14
18 19
32 33
63
R
RIOTT
RIOSID
—
RIODWC
RIOADDR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Figure 20-23. RapidIO Trace Buffer Entry
Table 20-30. RapidIO Trace Buffer Entry Field Descriptions
(TBCR1[IFSEL] = 011)
Bits
Name
Function
0–4
RIOTT
Transaction type. Specifies the transaction type as shown in Table 20-12. For example, a value
of all zeros indicates an NWRITE transaction.
5–9
RIOSID
Source ID. Identifies the source of the transaction as shown in Table 20-26. For example, a
value of 01100 identifies RapidIO as the transaction source.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com