Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1136 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1136 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1136 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-30
Freescale Semiconductor
Debug Features and Watchpoint Facility
permits a user to program the trace condition in the watchpoint monitor and to program a start or
stop condition in the trace buffer control register. The user can also program the TBCR with the
conditions in which to stop tracing: on an event, or when the buffer is full. TBCR0[IFSEL]
specifies which interface transactions are being captured.
The trace buffer can be programmed to trace the dispatch bus from any of the following:
•
e500 coherency module (ECM)
•
Outbound host interface to the RapidIO controller
•
Outbound host interface to the PCI controller
•
Host interface to the DDR controller
Transactions come into the ECM, arbitrate for common resources, and get dispatched to the target
port. Information such as transaction types, source ID, and other attributes can be captured in any
of the selected interfaces. The trace buffer can be used to distinguish between requests due to an
instruction fetch versus a data fetch on the RapidIO interface, where external I/O alone does not
allow for easy discrimination.
20.4.6.1 Traced Data Formats (as a Function of TBCR1[IFSEL])
Figure 20-20 shows the trace buffer entry format for an ECM dispatch (CMD) transaction that is
specified when TBCR1[IFSEL] = 000.
Table 20-27 describes the fields of CMD trace buffer entries.
0
4
5
9
10
13
14
18 19
31 32
63
R
CMDTT
CMDSID CMDTID CMDBC
—
CMDADDR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Figure 20-20. e500 Coherency Module Dispatch (CMD) Trace Buffer Entry
Table 20-27. CMD Trace Buffer Entry Field Descriptions
(TBCR1[IFSEL] = 000)
Bits
Name
Function
0–4
CMDTT
Transaction type. Specifies the transaction type as shown in Table 20-12. For example, a value
of zero indicates a write with local processor snoop condition.
5–9
CMDSID
Source ID. Identifies the source of the transaction as shown in Table 20-26. For example, a
value of 0b01100 indicates that RapidIO is the transaction source.
10–13
CMDTID
Target ID. Identifies the target of the transaction as shown in Table 20-26. For example, a value
of 0b1100 indicates that RapidIO is the transaction target. Note that for a target ID the topmost
bit of the 5-bit field is always 0 and, therefore, only 4 bits are required to define a target
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com