Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1133 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1133 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1133 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-27
20.4.2 PCI/PCI-X Interface Debug
If PCI_GNT3 is low when sampled during POR, the PCI/PCI-X interface operates in debug mode.
In debug mode the source ID appears on the high-order address bits (PCI_AD[62:58]) during the
bus command phase of a PCI/PCI-X transaction. The bus command phase occurs either during the
first cycle that PCI_FRAME is asserted, or, in the case of addresses greater than 32 bits, after a
dual-address cycle phase. In either case, the debug information appears on the highest order
address bits while PCI_FRAME is asserted and both PCI_IRDY and PCI_TRDY are negated.
When accessing the low 4 Gbytes of PCI address space for which no dual-address cycle is needed,
the debug information appears during the first (and only) address phase on PCI_AD[62:58].
Whenever a dual-address cycle must be run, (addresses above 4 Gbytes) the debug information
appears on PCI_AD[62:58] during the second address cycle. In either case a logic analyzer should
be configured to sample information on the first cycle of the assertion of PCI_FRAME and the
cycle following a dual-address cycle command.
NOTE
Because they share the same pins, an entire 64-bit address and the
debug information cannot be captured in a single cycle.
03
Reserved
13
Reserved
04
Local bus controller
14
Reserved
05
Reserved
15
DMA
06
Reserved
16
Reserved
07
Reserved
17
System access port (SAP)
08
Configuration space
18
TSEC1
09
Reserved
19
TSEC2
0A
Boot sequencer
1A
FEC
0B
Reserved
1B
Reserved
0C
RapidIO
1C
RapidIO message unit
0D
Reserved
1D
RapidIO doorbell unit
0E
Reserved
1E
RapidIO port-write unit
0F
Local space (DDR)
1F
Non valid port indicator (reserved for debug info)
Table 20-26. Source and Target ID Values (continued)
Value
(Hex)
Source (or Target) Port
Value
(Hex)
Source (or Target) Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com