Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1130 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1130 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1130 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-24
Freescale Semiconductor
Debug Features and Watchpoint Facility
20.3.3 Context ID Registers
This section describes the context ID registers. The current context ID register (CCIDR) and
programmed context ID registers (PCIDR) are set by software and facilitate debugging complex
software.
20.3.3.1 Programmed Context ID Register (PCIDR)
The programmed context ID register (PCIDR), shown in Figure 20-17, contains the
user-programmed context ID. This register can be configured to trigger watchpoint events when
its value matches the current context ID register (CCIDR), as controlled by WMCR0[ECEN] and
WMCR0[NECEN]. See Section 20.3.1.1, “Watchpoint Monitor Control Registers 0–1 (WMCR0,
WMCR1),” for more information.
Table 20-23 describes the PCIDR field.
20.3.3.2 Current Context ID Register (CCIDR)
The current context ID register (CCIDR) shown in Figure 20-18 contains the current context ID.
This register is written by software after a context switch and can be used to trigger events when
compared with the programmed context ID register (PCIDR).
0
31
R
PCID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_20A0
Figure 20-17. Programmed Context ID Register (PCIDR)
Table 20-23. PCIDR Field Descriptions
Bits
Name
Description
0–31
PCID Programmed context ID. Contains the user-programmed context ID. Compared with current context ID
for context-sensitive event triggering.
0
31
R
CCID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_20A4
Figure 20-18. Current Context ID Register (CCIDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com