Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1129 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1129 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1129 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-23
Table 20-21 describes TBADHR.
20.3.2.8 Trace Buffer Access Data Register (TBADR)
The trace buffer access data register (TBADR), shown in Figure 20-16, contains the low-order 32
bits of the data read from the trace buffer during a software-initiated read command
(TBACR[RD]) or the write data to be written into the trace buffer during a software-initiated write
command (TBACR[WR]). TBACR must be configured to perform a read before this register
contains valid data. This register must be initialized by software before configuring the TBACR
to perform a write command.
Table 20-22 describes the TBADR field.
0
31
R
TBADH
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2064
Figure 20-15. Trace Buffer Read High Register (TBADHR)
Table 20-21. TBADHR Field Descriptions
Bits
Name
Description
0–31
TBADH Trace buffer access data high. The higher 32 bits of the data read from or to be written into the trace
buffer, depending on whether the array is accessed with a read or a write.
0
31
R
TBAD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2068
Figure 20-16. Trace Buffer Access Data Register (TBADR)
Table 20-22. TBADR Field Descriptions
Bits
Name
Description
0–31
TBAD Trace buffer access data. Corresponds to the lower 32 bits of the data read from the trace buffer or to be
written into the trace buffer, depending on whether software is accessing the array with a read or a write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com