Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1132 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1132 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1132 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-26
Freescale Semiconductor
Debug Features and Watchpoint Facility
Table 20-25 describes the TOSR fields.
20.4 Functional Description
The debug features on the MPC8540 use the LBC interfaces, DDR SDRAM interface, and the PCI
interface.
20.4.1 Source and Target ID
Debug information that is common to all the interfaces is the source ID (SID). The transaction
source ID provides enough information to determine which block or port originated a transaction
including the distinction between instruction and data fetches from the processor core. Table 20-26
shows the values and interpretation for the 5-bit SID field. Note that the table also includes ports
that are only slaves, such as local memory. These ports are always targets. As such, the value
shown represents a target ID (TID) and not a source ID. For ports that can function in both
capacities, the value indicates source ID when mastering transactions, and target ID when
responding as slave. The TID field is only meaningful when one of the following participates in
the transaction:
•
The e500 coherency module (ECM) dispatch bus
•
The watchpoint monitor (WMCR1[IFSEL] = 000)
•
The trace buffer (TBCR1[IFSEL] = 000)
Table 20-25. TOSR Field Descriptions
Bits
Name
Description
0–4
—
Reserved
5–7
SEL
Select. Selects the source for TRIG_OUT
000 READY signal. Multiplexed with TRIG_OUT. Basic device state indicator. READY asserts
whenever the device is not in reset or not asleep. See Chapter 4, “Reset, Clocking, and
Initialization,” for more details about the reset sequence, and Chapter 18, “Global Utilities,” for
more information about power management states.
001 Selects the watchpoint monitor hit indication
010 Selects the trace buffer hit indication
011 Selects the performance monitor overflow indication
8–31
—
Reserved
Table 20-26. Source and Target ID Values
Value
(Hex)
Source (or Target) Port
Value
(Hex)
Source (or Target) Port
00
PCI/PCI-X
10
Local processor (instruction fetch)
01
Reserved
11
Local processor (data fetch)
02
Reserved
12
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com