Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1147 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1147 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1148Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1149Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1150Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1147 / 1302 page
background image
Modes of Operation
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
21-7
21.3 Modes of Operation
The FEC’s primary operational modes are the following:
•
Full- and half-duplex operation. Determined by MACCFG2 Full_Duplex bit. Full-duplex
mode is intended for use on point to point links between switches or end node to switch.
Half-duplex mode is used in connections between an end node and a repeater or between
repeaters.
If configured in half-duplex mode (only 10 and 100 Mbps operation, MACCFG2 register’s
Full_Duplex bit is cleared), the MAC complies with the IEEE CSMA/CD access method.
If configured in full-duplex mode (10/100 Mbps operation; MACCFG2 register’s
Full_Duplex bit is set), the MAC supports flow control. If flow control is enabled, it allows
the MAC to receive or send PAUSE frames.
•
10 Mbps and 100 Mbps MII interface operation. The MAC-PHY interface operates in MII
mode by configuring bits 22–23 of MACCFG2 (MACCFG2[I/F_Mode] = 01). The MII is
the media-independent interface defined by the 802.3 standard for 10/100 Mbps operation.
Operation speed is determined by the FEC_TX_CLK and FEC_RX_CLK signals which are
driven by the transceiver. The transceiver auto negotiates the speed.
•
Address recognition options
The options supported are promiscuous, broadcast, exact individual address hash or exact
match, and multicast hash match. For detailed descriptions refer to Section 21.5.3.7.1,
“Individual Address Registers 0–7 (IADDRn),” Section 21.5.3.7.2, “Group Address
Registers 0–7 (GADDRn),” Section 21.5.3.4.1, “Receive Control Register (RCTRL),” and
Section 21.6.2.5, “Frame Recognition.”
•
Internal loop back
Internal loop back mode is selected via the Loop_Back bit in the MACCFG1 register. See
Section 21.6.2.9, “Internal and External Loop Back,” for details.
21.4 External Signal Descriptions
This section defines the FEC-to-chip signals. The buses are described using the bus convention
used in IEEE 802.3 because the PHY follows this same convention (that is, TxD[3:0] means 0 is
the lsb). Notice that except for external physical interfaces the buses and registers follow a
big-endian format.
The FEC network interface supports the MII option that requires 15 I/O signals. The MII option
supports both 10- and 100-Mbps Ethernet rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com