Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1123 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1123 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1123 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-17
Table 20-14 describes the TBCR0 fields.
01
2
3
4
5
6
7
8
13
14
15
R
EN
AMD
TMD ECEN NECEN SIDEN TIDEN HALT
0
0
0
0
0
0
MODE
W
Reset
0000_0000_0000_0000
16
20
21
23
24
28
29
31
R
0
0
0
0
0
STRT
0
0
0
0
0
STOP
W
Reset
0000_0000_0000_0000
Offset
0xE_2040
Figure 20-8. Trace Buffer Control Register 0 (TBCR0)
Table 20-14. TBCR0 Field Descriptions
Bits
Name
Description
0
EN
Enable
0 The trace buffer facility is disabled.
1 The trace buffer facility is enabled.
1
AMD
Address match disable
0 The address match is used to qualify a trace buffer event.
1 The address match is ignored when detecting a trace buffer event.
2
TMD
Transaction match disable
0 The transaction type match is used to qualify a trace buffer event.
1 The transaction type match is ignored when detecting a trace buffer event.
3
ECEN
Equal context enable. Qualifies the matching of current context with programmed context as a trace buffer
event criterion, as written in the context registers described in Section 20.3.3, “Context ID Registers.”
0 Current context match does not affect trace buffer event detection.
1 Trace buffer events are qualified by comparing current context with the programmed context event value.
Note: ECEN and NECEN must not be enabled in the same run. If both are set, watchpoint events are
inhibited (never occur).
4
NECEN Not equal context enable. Qualifies the matching of current context with programmed context as a trace buffer
event criterion, as written in the context registers described in Section 20.3.3, “Context ID Registers.”
0 The failure of a current context match does not affect trace buffer event detection
1 trace buffer events are qualified with NOT getting a current context compare with the programmed context
event value.
Note: ECEN and NECEN must not be enabled in the same run. If both are set, watchpoint events are
inhibited (never occur).
5
SIDEN
Source ID enable
0 Trace buffer events ignore the programmed source ID value.
1 Trace buffer events are qualified by comparison with the programmed SID event value.
6
TIDEN
Target ID enable
0 Trace buffer events ignore the programmed TID event value.
1 Trace buffer events are qualified by comparison with the programmed TID event value. This comparison
only applies when the ECM is selected for tracing (TBCR1[IFSEL] is all zeros).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com