Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1119 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1119 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1119 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-13
Figure 20-3 shows the WMCR1.
Table 20-8 describes the WMCR1 fields.
20.3.1.2 Watchpoint Monitor Address Register (WMAR)
The watchpoint monitor address register (WMAR) shown in Figure 20-4 contains the address to
match against if WMCR[AMD] is clear. Note that the transaction address is qualified with the bits
described in Section 20.3.1.3, “Watchpoint Monitor Address Mask Register (WMAMR),” before
being compared with WMAR. Note also that the contents of WMAR are not qualified with
WMAMR.
012
3
4
5
7
8
10 11
15 16
26 27
31
R 0
0
0
0
0
IFSEL
0 0 0
SID
0
0
0
0
0
0
0
0
0
0
0
TID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_2004
Figure 20-3. Watchpoint Monitor Control Register 1 (WMCR1)
Table 20-8. WMCR1 Field Descriptions
Bits
Name
Description
0–4
—
Reserved
5–7
IFSEL
Interface selection. Selects the address, transaction type (as defined in WMTMR), and other
attributes to be used for comparison
000 Select e500 coherency module (ECM) dispatch interface
001 Select internal DDR SDRAM interface
010 Select internal PCI outbound interface
011 Select internal RapidIO interface
1xx Reserved
8–10
—
Reserved
11–15
SID
Source ID. Specifies the source ID associated with WMCR0[SIDEN]. For a definition of the source
ID, see Table 20-26.
16–26
—
Reserved
27–31
TID
Target ID. Specifies the target ID associated with WMCR0[TIDEN]. For a definition of the target ID,
see Table 20-26.
0
31
R
WMA
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_200C
Figure 20-4. Watchpoint Monitor Address Register (WMAR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com