Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1118 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1118 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1118 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-12
Freescale Semiconductor
Debug Features and Watchpoint Facility
Table 20-7 describes WMCR0 fields.
Table 20-7. WMCR0 Field Descriptions
Bits
Name
Description
0
EN
Enable
0 Watchpoint monitor events are not flagged.
1 A watchpoint monitor event is flagged.
1
AMD
Address match disable. Qualifies address match as a watchpoint event criterion.
0 Address matching is used to recognize a watchpoint event.
1 Address matching does not affect watchpoint event detection.
2
TMD
Transaction match disable. Qualifies transaction type match (as defined in WMCR1[IFSEL] and WMTMR) as
a watchpoint event criterion.
0 A transaction type match is used to recognize watchpoint events.
1 A transaction type match does not affect watchpoint event detection.
3
ECEN
Equal context enable. Qualifies the matching of current context with programmed context as a watchpoint
event criterion, as written in the context registers described in Section 20.3.3, “Context ID Registers.”
0 Current context match does not affect watchpoint event detection
1 Watchpoint events are qualified by comparing current context with the programmed context event value.
Note: ECEN and NECEN must not be enabled in the same run. If both are set, watchpoint events are
inhibited (never occur).
4
NECEN Not equal context enable. Qualifies the matching of current context with programmed context as a watchpoint
event criterion, as written in the context registers described in Section 20.3.3, “Context ID Registers.”
0 The failure of a current context match does not affect watchpoint event detection
1 Watchpoint events are qualified with NOT getting a current context compare with the programmed context
event value.
Note: ECEN and NECEN must not be enabled in the same run. If both are set, watchpoint events are
inhibited (never occur).
5
SIDEN
Source ID enable
0 Source ID does not affect watchpoint event detection
1 Watchpoint events are qualified by comparison with the programmed WMCR1(SID) value.
6
TIDEN
Target ID enable
0 Target ID does not affect watchpoint event detection
1 Watchpoint events are qualified by comparison with the programmed WMCR1(TID) value.
7–20
—
Reserved
21–23
STRT
Start condition. Specifies the event that arms the watchpoint monitor to start looking for the programmed
event.
000 No event. Armed immediately
001 Trace buffer event is detected
010 Performance monitor signals overflow
011 TRIG_IN transitions from 0 to 1.
100 TRIG_IN transitions from 1 to 0.
101 Current context ID equals programmed context ID
110 Current context ID is not equal to programmed context ID
111 Reserved
24–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com