Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1114 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1114 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1110Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1114 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
20-8
Freescale Semiconductor
Debug Features and Watchpoint Facility
20.2.2.2 Watchpoint Monitor Trigger Signals—Details
Table 20-4 shows detailed descriptions of the watchpoint monitor and trace buffer signals.
MECC[0:7]
O
Memory ECC. DDR error checking and correcting. The normally bidirectional operation of the memory ECC
(MECC) bus is described in Section 9.5.11, “Error Checking and Correcting (ECC).” This bus is used for
debug functions when MSRCID1 is sampled low during POR.
In debug mode, the high-order 5 bits (MECC[0:4]) may be used to provide the transaction source ID and
MECC5 can be used as the data-valid indicator.
In debug mode, MECC[0:5] is constantly driven with debug information and must be disconnected from the
DDR memory’s ECC pins.
State
Meaning
Asserted/Negated—In debug mode, MECC[0:5] is always driven. The source ID values appear
during RAS and CAS cycles. A value of 0x1F (all ones) is driven during cycles other than
RAS and CAS. The data-valid indicator appears when data is being received or driven on
the pins.
Timing Driven every cycle in debug mode
MSRCID[0:4]
O
Memory source ID. Attribute signals associated with the memory interface that indicate the source ID for a
transaction on an SDRAM interface. The SDRAM interface, DDR or local bus, to which the debug
information applies is specified during POR with MSRCID0 as shown in Table 20-1. Two of these signals
serve as reset configuration input signals.
State
Meaning
Asserted/Negated—In debug mode, always driven with the value of the source ID. The source
ID has a value of 0x1F for cycles other than RAS and CAS. The encodings shown in
Table 20-26 provide detailed information about a memory transaction.
Timing Driven every cycle in debug mode. Similar timing to MA
PCI_AD[62:58]
O
PCI Address. Provides transaction source ID for the current PCI bus transaction
State
Meaning
Asserted/Negation—In debug mode, always driven with the value of the transaction source ID
Timing Driven every cycle in debug mode
Table 20-4. Watchpoint and Trigger Signals—Detailed Signal Descriptions
Signal
I/O
Description
TRIG_IN
I
Trigger in. Can be used to trigger the watchpoint and trace buffers. Note this is an active-high (rising-edge
triggered) signal.
State
Meaning
Asserted—Indicates that a programmed/armed external event has been detected. Assertion
may be used internally to trigger trace buffers and watchpoint mechanisms.
Timing Assertion/Negation—The MPC8540 interprets TRIG_IN as asserted on detection of the rising
edge. It may occur at any time. Must remain asserted for at least 3 system clocks to be
recognized internally
Table 20-3. Debug Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com