Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1115 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1115 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1111Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1112Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1113Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1115 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
20-9
20.2.2.3 Test Signals—Details
Table 20-5 shows detailed descriptions of the JTAG test signals.
TRIG_OUT
O
Trigger out. Function determined by TOSR[SEL]. When TOSR[SEL] is non-zero, it can be used for
triggering external devices, like a logic analyzer, with either the watchpoint monitor, the trace buffer, or the
performance monitor as trigger sources. When TOSR[SEL] is cleared, TRIG_OUT is multiplexed with
READY, which indicates the operational readiness of the device (running or in low-power or debug modes).
See Chapter 4, “Reset, Clocking, and Initialization,” and Chapter 18, “Global Utilities,” for more details
about reset, low power, and debug states.
State
Meaning
Asserted—When TOSR[SEL] is all zeros, serves as the READY signal, indicating that the
device is not in a low-power or debug mode and that it has emerged from reset. SEL
≠ 0
indicates that a programmed trigger event has occurred.
Negation—No final watchpoint match condition
Timing Assertion may occur at any time. Remains asserted for at least 3 system clocks
Table 20-5. JTAG Test and Other Signals—Detailed Signal Descriptions
Signal
I/O
Description
TCK
I
JTAG test clock
State
Meaning
Asserted/Negated—Should be driven by a free-running clock signal with a 30–70% duty cycle.
Input signals to the TAP are clocked in on the rising edge. Changes to the TAP output
signals occur on the falling edge. The test logic allows TCK to be stopped. An unterminated
input appears as a high signal level to the test logic due to an internal pull-up resistor.
Timing See IEEE 1149.1 standard for more details
TDI
I
JTAG test data input
State
Meaning
Asserted/Negated—The value present on the rising edge of TCK is clocked into the selected
JTAG test instruction or data register. An unterminated input appears as a high signal level
to the test logic due to an internal pull-up resistor.
Timing
See IEEE 1149.1 standard for more details
TDO
O
JTAG test data output
State
Meaning
Asserted/Negated—The contents of the selected internal instruction or data register are shifted
out on this signal on the falling edge of TCK. Remains in a high-impedance state except
when scanning data.
Timing See IEEE 1149.1 standard for more details
TMS
I
JTAG test mode select
State
Meaning
Asserted/Negated—Decoded by the internal JTAG TAP controller to distinguish the primary
operation of the test support circuitry. An unterminated input appears as a high signal level
to the test logic due to an internal pull-up resistor.
Timing See IEEE 1149.1 standard for more details
Table 20-4. Watchpoint and Trigger Signals—Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com