| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 1107 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 1107 Page - Freescale Semiconductor, Inc |
|
1107 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor 20-1 Chapter 20 Debug Features and Watchpoint Facility This chapter describes all customer-visible debug modes of the MPC8540 integrated device. The debug features on the MPC8540 pertain to these three interfaces: the local bus controller (LBC), the DDR SDRAM, and the PCI/PCI-X interface. In addition to the external interfaces, the MPC8540 provides triggering capabilities based on user-programmable events. The watchpoint and trace buffer also provide some visibility to internal buses. This chapter also describes context ID registers, useful for software debug, and describes the JTAG access port signals that comply with the IEEE 1149.1 boundary-scan specification. 20.1 Introduction As shown in the block diagram of Figure 20-1, the MPC8540 device provides the following debug features (listed with references to sections of this chapter that describe them): • PCI/PCI-X interface debug (Section 20.4.2, “PCI/PCI-X Interface Debug”) • DDR SDRAM interface debug (Section 20.4.3, “DDR SDRAM Interface Debug”) • Local bus controller (LBC) debug (Section 20.4.4, “Local Bus Interface Debug”) • Watchpoint monitor and trace buffer debug (Section 20.4.5, “Watchpoint Monitor,” and Section 20.4.6, “Trace Buffer”) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |