Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1105 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1105 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1105 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-27
19.4.8 Performance Monitor Examples
Table 19-12 contains sample register settings for the four supported modes.
•
Simple event performance monitoring example
•
Triggering event performance monitoring example
•
Threshold event performance monitoring example
•
Burstiness event performance monitoring example
The settings in Table 19-11 are identical for all four examples.
For simple event counting, a non-threshold event is selected in PMLCAn[EVENT] and all other
features are disabled by clearing all register fields except for CE.
Trace buffer hits
C1:58
—
DUART Events
UART0 baud rate
C1:63
—
UART1 baud rate
C5:63
—
Chaining Events
PMC0 carry-out
Ref:1
PMC0[0] 1-to-0 transitions
PMC1 carry-out
Ref:2
PMC1[0] 1-to-0 transitions. Reserved for PMC1.
PMC2 carry-out
Ref:3
PMC2[0] 1-to-0 transitions. Reserved for PMC2.
PMC3 carry-out
Ref:4
PMC3[0] 1-to-0 transitions. Reserved for PMC3.
PMC4 carry-out
Ref:5
PMC4[0] 1-to-0 transitions. Reserved for PMC4.
PMC5 carry-out
Ref:6
PMC5[0] 1-to-0 transitions. Reserved for PMC5.
PMC6 carry-out
Ref:7
PMC6[0] 1-to-0 transitions. Reserved for PMC6.
PMC7 carry-out
Ref:8
PMC7[0] 1-to-0 transitions. Reserved for PMC7.
PMC8 carry-out
Ref:9
PMC8[0] 1-to-0 transitions. Reserved for PMC8.
Table 19-11. PMGC0 and PMLCAn Settings
Field
Setting
Reason
PMGC0[FAC]
0
Counters must not be frozen.
PMGC0[PMIE]
1
Performance monitor interrupts are enabled.
PMGC0[FCECE]
1
Counters should be frozen when an interrupt is signalled.
PMLCAn[FC]
0
Counters cannot be frozen for counting.
PMLCAn[CE]
1
Overflow condition enable is required to allow interrupt signalling.
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com