Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1106 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1106 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1107Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1108Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1109Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1106 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-28
Freescale Semiconductor
Performance Monitor
For the triggering example any event can be selected in PMLCAn[EVENT]. All other features are
disabled by clearing these register fields except for CE to allow interrupt signalling. If
PMLCBn[TRIGONSEL] is 3 and PMLCBn[TRIGOFFSEL] is 5, the counter begins and ends
counting based on the conditions in counters three and five. Furthermore, if
PMLCBn[TRIGONCNTL] is 1, the counter begins counting when PMC3 changes value.
According to the setting in PMLCBn[TRIGOFFCNTL], the counter ends counting when PMC5
overflows. Also, although the register settings for PMC5 is not shown, PMLCAn[CE] for this
counter must be cleared so that interrupt signalling is not enabled and the counter does not freeze
when it overflows.
For threshold counting, a threshold event must be specified in PMLCAn[EVENT]. For this
example, the duration threshold value is scaled by two because PMLCBn[TBMULT] is one. All
other features are disabled by clearing the appropriate fields.
Any non-threshold event can use the burstiness feature. For burstiness counting, values for
PMLCAn[BSIZE,BGRAN,BDIST] and PMLCBn[TBMULT] must be specified.
Table 19-12. Register Settings for Counting Examples MPC8540
Register
Register Field
Simple Event
Triggering
Threshold
Burstiness
PMGC0
FAC
0
0
0
0
PMIE
111
1
FCECE
111
1
PMLCAn
FC
000
0
CE
111
1
EVENT
89
68
39
2
BSIZE
0
0
0
5
BGRAN
000
1
BDIST
000
8
PMLCBn
TRIGONSEL
0
3
0
0
TRIGOFFSEL
0
5
0
0
TRIGONCNTL
0
1
0
0
TRIGOFFCNTL
0
2
0
0
TBMULT
000
0
THRESHOLD
0
0
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com