Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1103 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1103 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1103 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-25
RxBD read latency
(duration threshold)
Ref:55
Times RxBD read latency exceeds threshold (threshold
event)
Start: request asserted
Stop: data acknowledge received
TxBD read latency
(duration threshold)
Ref:56
Times TxBD read latency exceeds threshold (threshold
event)
Start: request asserted
Stop: data acknowledge received
RxBD write latency
(duration threshold)
Ref:57
Times RxBD write response latency exceeds threshold
(threshold event). Only for writes that require a response
Start: request asserted
Stop: End of Transaction received
TxBD write latency
(duration threshold)
Ref:58
Times that TxBD write response latency exceeds threshold
(threshold event). Only for writes that require a response
Start: request asserted
Stop: End of Transaction received
Tx data read latency
(duration threshold)
Ref:59
Data read response latency exceeds threshold (threshold
event)
Start: request asserted
Stop: Data acknowledge received
Data beats
C7:49
—
Read data beats
C8:47
—
Rx frame interrupts
C1:50
BD receive interrupt is set on a last BD
Tx frame interrupts
C3:54
BD transmit interrupt is set on a BD with L = 1
Rx frame processing
Ref:60
Receive frame processing exceeds threshold (threshold
event)
Start: Open first BD
Stop: Close last BD
Local Bus Events
Bank 1 hits (chip-select)
C1:51
—
Bank 2 hits (chip-select)
C2:56
—
Bank 3 hits (chip-select)
C3:55
—
Bank 4 hits (chip-select)
C4:54
—
Bank 5 hits (chip-select)
C5:48
—
Bank 6 hits (chip-select)
C6:53
—
Bank 7 hits (chip-select)
C7:50
—
Bank 8 hits (chip-select)
C8:50
—
Requests granted to ECM port
C2:57
—
Cycles atomic reservation for ECM port
is enabled
C4:55
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com