Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1099 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1099 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1099 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-21
PCI/PCI-X outbound total write data
beats
C8:28
Includes 32- and 64-bit transactions
PCI/PCI-X inbound 32-bit read data
beats
C1:30
—
PCI/PCI-X inbound 32-bit write data
beats
C2:38
—
PCI/PCI-X outbound 32-bit read data
beats
C3:38
—
PCI/PCI-X outbound 32-bit write data
beats
C4:39
—
PCI/PCI-X inbound 64-bit read data
beats
C5:31
—
PCI/PCI-X inbound 64-bit write data
beats
C6:33
—
PCI/PCI-X outbound 64-bit read data
beats
C7:27
—
PCI/PCI-X outbound 64-bit write data
beats
C8:27
—
PCI/PCI-X total transactions
C7:29
Includes 32- and 64-bit transactions
PCI/PCI-X 64-bit transactions
C8:29
—
PCI/PCI-X inbound purgeable reads
C2:2
—
PCI/PCI-X inbound (speculative reads)
purgeable reads discarded
C8:63
PCI/PCI-X idle cycles
C1:31
—
PCI/PCI-X dual address cycles
C2:40
—
PCI/PCI-X internal cycles
C3:39
—
PCI inbound memory read
PCI-X inbound memory 32-bit read
C1:34
—
PCI inbound memory readline
PCI-X inbound memory alias read
C2:44
—
PCI inbound memory read multiple
PCI-X inbound memory block read
C3:42
—
PCI outbound memory reads/PCI-X
outbound memory DWORD reads
attempted
C4:43
Number of PCI outbound memory reads or number of
PCI-X outbound memory DWORD reads attempted
PCI outbound memory read lines/
PCI-X outbound memory burst read
attempted
C5:36
Number of PCI outbound memory read lines or number of
PCI-X outbound memory burst reads attempted
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com