Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1097 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1097 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1097 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-19
ECM dispatch from TSEC1
C3:19
—
ECM dispatch from TSEC2
C4:21
—
ECM dispatch from RapidIO
C5:17
—
ECM dispatch from PCI
C6:17
—
ECM dispatch from DMA
C7:14
—
ECM dispatch from other
C8:14
—
ECM dispatch to DDR
C4:22
—
ECM dispatch to L2/SRAM
C5:18
—
ECM dispatch to LBC
C6:18
—
ECM dispatch to RapidIO
C7:15
—
ECM dispatch to PCI
C8:15
—
ECM dispatch snoopable
C3:20
—
ECM dispatch write
C1:17
—
ECM dispatch write allocate
C2:21
—
ECM dispatch write allocate lock
C3:21
—
ECM dispatch read
C4:23
—
ECM dispatch read unlock
C5:19
—
ECM dispatch read clear atomic
C6:19
—
ECM dispatch read set atomic
C7:16
—
ECM dispatch read decrement atomic
C8:16
—
ECM dispatch read increment atomic
C7:17
—
ECM data bus grant DDR
C1:18
—
ECM data bus grant LBC
C2:22
—
ECM data bus grant PIC
C1:19
—
ECM data bus grant TSEC1
C3:23
—
ECM data bus grant TSEC2
C4:25
—
ECM data bus wait DDR
C5:20
—
ECM data bus wait LBC
C6:20
—
ECM data bus wait PIC
C5:21
—
ECM data bus wait TSEC1
C7:19
—
ECM data bus wait TSEC2
C8:18
—
ECM global data bus beat
Ref:16
—
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com