Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1094 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1094 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1094 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-16
Freescale Semiconductor
Performance Monitor
DDR Memory Controller Events
Cycles a read is returning data from
DDR SDRAM
Ref:10
Each data beat returned to the memory controller on the
DDR SDRAM interface
Cycles a read or write transfers data
from (or to) DDR SDRAM
Ref:11
Each data beat transferred to or from the DDR SDRAM
Pipelined read misses in the row open
table
C1:57
Row open table read misses issued while a read is
outstanding
Pipelined read or write misses in the
row open table
C2:0
Row open table read or write misses issued while a read or
write is outstanding
Non-pipelined read misses in the row
open table
C3:60
Row open table read misses issued when no reads are
outstanding
Non-pipelined read or write misses in
the row open table
C4:0
Row open table read or write misses issued when no reads
or writes are outstanding
Pipelined read hits in the row open
table
C5:56
Row open table read hits issued when a read is outstanding
Pipelined read or write hits in the row
open table
C6:0
Row open table read or write hits issued when a read or
write is outstanding
Non-pipelined read hits in the row open
table
C7:57
Row open table read hits issued when no reads are
outstanding
Non-pipelined read or write hits in the
row open table
C8:0
Row open table read or write hits issued when no reads or
writes are outstanding
Forced page closings not caused by a
refresh
C1:0
Precharges issued to the DDR SDRAM for any reason
except refresh. The possibilities are as follows:
• A new transaction must be issued to an already active
bank and sub-bank that has a different row open.
• A new transaction must be issued, but the row open
table is full and there is no bank/sub-bank match
between the current transaction and the row open table.
• The BSTOPRE interval expired for an open row.
Row open table misses
C2:1
Transactions that miss in the row open table
Row open table hits
C3:0
Transaction that hit in the row open table
Force page closings
C4:1
Forced page closings including those due to refreshes
Read-modify-write transactions due to
ECC
C5:0
If ECC is enabled and a transaction requires byte enables,
a read-modify-write sequence is issued on the DDR
SDRAM interface.
Forced page closings due to collision
with bank and sub-bank
Ref:12
Increments if a new transaction must be issued to an active
bank and sub-bank that has a different row open
Reads or writes from core
Ref:13
—
Reads or writes from TSEC 1
C3:1
—
Reads or writes from TSEC 2
C4:2
—
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com