Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1102 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1102 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1102 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-24
Freescale Semiconductor
Performance Monitor
Data beats
C7:48
—
Read data beats
C8:46
—
Rx frame interrupts
C1:49
Times receive frame interrupt is set. Event occurs when the
BD receive interrupt is set on a last BD
Tx frame interrupts
C3:53
Times a transmit frame interrupt is set. Event occurs when
the BD transmit interrupt is set on a BD with L = 1
Rx frame processing
(duration threshold)
Ref:46
Times frame processing exceeds threshold (threshold
event)
Start: open first BD
Stop: close last BD
TSEC2 Address Data Filtering (ADF) Events
Accepted frames
Ref:50
—
Individual hash table accepted frame
C7:36
—
Group hash table accepted frame
C8:36
—
Rejected frames
Ref:53
—
Dropped frames
Ref:52
Dropped frames that could have been accepted (data
overflow, status overflow and acknowledgement of BDs)
Dropped frames due to data overflow
C1:42
Frames dropped because of overflow in the FIFO and
256-byte buffer
Dropped frames due to status overflow
C2:51
Frames dropped because of inability to write status for one
frame and a new frame starts
TSEC2 FIFO Events
Receive FIFO data valid
C1:46
Receive FIFO contains receive data
Transmit frames without threshold
C7:45
Transmit frames that do not hit Tx FIFO threshold
Receive FIFO above 1/4
Ref:61
—
Receive FIFO above 1/2
Ref:62
—
Receive FIFO above 3/4
Ref:63
—
TSEC2 DMA Events
DMA reads
C1:48
Descriptor and data reads
BD reads
C2:55
Transmit and RxBD reads
RxBD reads
C3:52
Times that RxBD reads (transmit number can be calculated
by subtracting this number from total)
DMA writes
C4:53
Descriptor and data writes
BD writes
C5:47
Times that TxBDs and RxBDs closed
RxBD writes
C6:50
Times RxBDs closed (transmit number can be calculated
by subtracting this number from total)
Table 19-10. Performance Monitor Events (continued)
Event Counted
Number
Description of Event Counted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com