Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1089 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1089 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1093Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1089 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-11
freeze-counters-on-enabled-condition-or-event bit (PMGC0[FCECE]) is set, PMGC0[FAC] is set
by hardware and all of the registers are frozen. Software can clear the interrupt condition by
resetting the performance monitor and clearing the most significant bit of the counter that
generated the overflow.
19.4.2 Event Counting
Using the control registers described in Section 19.3.2, “Control Registers,” the nine PMCs can
count the occurrences of specific events. The 64-bit PMC0 is designated to count only clock
cycles. However, to provide flexibility, a total of 64 reference events can be counted on any of the
32-bit PMCs (PMC1–PMC8). Additionally, up to 64 unique events can be counted on each 32-bit
counter.
The performance monitor must be reset before event counting sequences. The performance
monitor can be reset by first freezing one or more counters and then clearing the freeze condition
to allow the counters to count according to the settings in the performance monitor
registers.þCounters can be frozen individually by setting PMLCAn[FC] bits, or simultaneously by
setting PMGC0[FAC]. Simply clearing these freeze bits will then allow the performance monitor
to begin counting based on the register settings.þ
Note that using PMLCAn[FC] to reset the performance monitor resets only the specified counter.
Performance monitor registers can be configured through reads or writes while the counters are
frozen as long as freeze bits are not cleared by the register accesses.
19.4.3 Threshold Events
The threshold feature allows characterization of events that can take a variable number of clock
cycles to occur. Threshold events are counted only if the latency is greater than the threshold value
specified in PMLCBn[THRESHOLD].
For duration threshold event sequences, the PMC increments only when the duration of the event
is equal to or greater than the threshold value. The threshold value is scaled by a multiple specified
in PMLCBn[TBMULT].
A threshold event requires two signals: The first indicates when a threshold event sequence begins,
and the second indicates when it ends. An internal counter determines when the threshold count is
exceeded and when the PMC can increment. This internal counter decrements during a threshold
event sequence until it reaches the value of one. A new sequence cannot begin until the current one
completes. Additional threshold start signals are ignored during a sequence until a threshold stop
signal occurs. If both a start and stop signal are asserted during the same cycle in a current
sequence, the stop terminates the current sequence and the start signals the beginning of a new one.
However, if both signals are asserted during the same cycle while not in a current event sequence,
both signals are ignored. Figure 19-9 is a timing diagram for duration threshold event counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com