Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1088 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1088 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1089Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1090Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1091Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1092Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1088 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-10
Freescale Semiconductor
Performance Monitor
Figure 19-7. Performance Monitor Counter Register 0 (PMC0)
Table 19-7 describes PMC0 fields.
.
PMC1–PMC8, shown in Figure 19-8, are 32-bit counters that can monitor 64 unique events in
addition to the 64 reference events that can be counted on all of these registers.
Figure 19-8. Performance Monitor Counter Registers 1–8 (PMC1–PMC8)
Table 19-8 describes PMCn fields.
19.4 Functional Description
This section describes the use of some features of the performance monitor.
19.4.1 Performance Monitor Interrupt
PMCs can generate an interrupt on an overflow when the msb of a counter changes from 0 to 1.
For the interrupt to be signalled, the condition enable bit (PMLCAn[CE]) and performance
monitor interrupt enable bit (PMGC0[PMIE]) must be set. When an interrupt is signalled and the
031
32
63
R
PMC0 upper
PMC0 lower
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_1018
0xE_101C
Table 19-7. PMC0 Field Descriptions
Bits
Name
Description
0–63
PMC0 Event count. Counts only clock cycles
0
31
R
PMCn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_1028, 0xE_1038, 0xE_1048, 0xE_1058, 0xE_1068, 0xE_1078, 0xE_1088, 0xE_1098
Table 19-8. PMCn Field Descriptions
Bits
Name
Description
0–31
PMCn
Event count. An overflow is indicated when the msb = 1. Manually setting the msb can
cause an immediate interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com