Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1085 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1085 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1089Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1085 / 1302 page
background image
Memory Map and Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
19-7
Figure 19-5 shows the performance monitor local control B0 register (PMLCB0).
Figure 19-5. Performance Monitor Local Control Register B0 (PMLCB0)
Table 19-5 describes PMLCB0 fields.
5
CE
Condition enable
0 Overflow conditions for PMCn cannot occur (PMCn cannot cause interrupts or freeze counters).
Should be cleared when PMCn is used as a trigger or is selected for chaining.
1 Overflow conditions occur when PMCn[msb] is set.
6–8
—
Reserved
9–15
EVENT Event selector. Up to 128 events selectable. See Table 19-10 for definition of events.
16–20
BSIZE
Burst size. Fewest event occurrences that constitute a burst, that is, a rapid sequence of events
followed by a relatively long pause. A value less than two implies regular event counting. Any
non-threshold, regular event may be counted in a bursty fashion. See Section 19.4.6, “Burstiness
Counting,” for more information.
21–25
BGRAN Burst granularity. The maximum number of clock cycles between events that are considered part of
a single burst. See Section 19.4.6, “Burstiness Counting.”
26–31
BDIST
Burst distance (used with TBMULT). The number of clock cycles between bursts. Must be set to a
value greater than BSIZE for proper burstiness counting behavior.
00_0000 Regular counting
01
2
5
67
8
11
12
13
14
15
16
31
R0 0
TRIGONSEL
00
TRIGOFFSEL TRIGONCNTL TRIGOFFCNTL
0 000 000 000 000 00 0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_1014
Table 19-5. PMLCB0 Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2–5
TRIGONSEL
Trigger-on select. The number of the counter that starts event counting. When the specified
counter’s TRIGONCNTL event overflows, the current counter begins counting. No triggering
occurs if the value is self-referential, that is, when set to the current counter number.
6–7
—
Reserved
8–11
TRIGOFFSEL
Trigger-off select. The number of the counter that stops event counting. When the specified
counter’s TRIGONCNTL event overflows, the current counter stops counting. No triggering
occurs if the value is self-referential, that is, when set to the current counter number.
Table 19-4. PMLCA1–PMLC8 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com