Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1084 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1084 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1084Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1085Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1086Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1087Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1088Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-6
Freescale Semiconductor
Performance Monitor
Figure 19-3. Performance Monitor Local Control Register A0 (PMLCA0)
Table 19-3 describes PMLCA0 fields.
Figure 19-4 shows the performance monitor local control registers A1–A8.
Figure 19-4. Performance Monitor Local Control Registers A1–A8 (PMLCA1–PMLCA8)
Table 19-4 describes PMLCAn fields.
01
4
5
6
31
R
FC
0000
CE
0000
000000
00000
00000
000000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_1010
Table 19-3. PMLCA0 Field Descriptions
Bits
Name
Description
0
FC
Freeze counter. Basic counter enable
0 The PMCs are enabled and incremented (if permitted by other SPM control bits).
1 The PMCs are disabled–they do not increment.
1–4
—
Reserved
5
CE
Condition enable. Controls counter overflow condition. Should be cleared when PMC0 is used as a
trigger or is selected for chaining
0 Overflow conditions for PMC0 cannot occur (PMC0 cannot cause interrupts or freeze counters)
1 Overflow conditions occur when PMC0[msb] is set.
6–31
—
Reserved
0
1
4
5
6
8
9
1516
2021
2526
31
R
FC
0000
CE
00
0
EVENT
BSIZE
BGRAN
BDIST
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_1020, 0xE_1030, 0xE_1040, 0xE_1050, 0xE_1060, 0xE_1070, 0xE_1080, 0xE_1090
Table 19-4. PMLCA1–PMLC8 Field Descriptions
Bits
Name
Description
0
FC
Freeze counter
0 The PMCs are incremented (if permitted by other PMC control bits).
1 The PMCs are not incremented (if permitted by other PMC control bits).
1–4
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com