Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 45 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 41Page - Texas Instruments ADC32RF55 Datasheet HTML 42Page - Texas Instruments ADC32RF55 Datasheet HTML 43Page - Texas Instruments ADC32RF55 Datasheet HTML 44Page - Texas Instruments ADC32RF55 Datasheet HTML 45Page - Texas Instruments ADC32RF55 Datasheet HTML 46Page - Texas Instruments ADC32RF55 Datasheet HTML 47Page - Texas Instruments ADC32RF55 Datasheet HTML 48Page - Texas Instruments ADC32RF55 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 126 page
background image
7.3.2 Sampling Clock Input
The internal sampling clock path was designed for lowest residual phase noise contribution. The sampling clock
circuitry requires a dedicated low noise power supply for best performance. The internal residual clock phase
noise is also sensitive to clock amplitude. For best performance, the clock amplitude should be larger than 1
Vpp. The phase noise ideally improves by 3 dB per 2x averaging, however at higher input frequenices the clock
path contribution reduces the improvement.
Table 7-7. Internal Aperture Clock Phase Noise
(FS = 3 Gsps, VIN = 1 Vpp)
Frequency Offset (MHz)
Amplitude (dBc/Hz)
0.001
-117
0.01
-127
0.1
-137
1
-147
10
-154
250
-160
The clock input and ADC sampling circuitry also have an amplitude noise component which modulates on to
the sampled input signal. Unlike phase noise, the amplitude noise doesn't scale with input frequency, it is only
affected by the sampling reset switch as shown in Figure 7-10 and Figure 7-11. This noise component can
dominate the close in noise performance at lower input frequencies.
Frequency (MHz)
0.0001
0.001
0.01
0.1
1
10
-160
-150
-140
-130
-120
-110
-100
-90
FIN = 110 MHz, RS_SW DIS
FIN = 710 MHz, RS_SW DIS
FIN = 910 MHz, RS_SW DIS
FIN = 110 MHz, RS_SW EN
FIN = 710 MHz, RS_SW EN
FIN = 910 MHz, RS_SW EN
Figure 7-10. Amplitude Noise vs Input Frequency
Input Frequency (MHz)
100
1000
3000
-150
-145
-140
-135
-130
-125
-120
-115
Phase Noise RS_SW DIS
Phase Noise RS_SW EN
Amplitude Noise RS_SW DIS
Amplitude Noise RS_SW EN
Figure 7-11. Amplitude and Phase noise at 10 kHz
offset vs Input Frequency
www.ti.com
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com