Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 48 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 44Page - Texas Instruments ADC32RF55 Datasheet HTML 45Page - Texas Instruments ADC32RF55 Datasheet HTML 46Page - Texas Instruments ADC32RF55 Datasheet HTML 47Page - Texas Instruments ADC32RF55 Datasheet HTML 48Page - Texas Instruments ADC32RF55 Datasheet HTML 49Page - Texas Instruments ADC32RF55 Datasheet HTML 50Page - Texas Instruments ADC32RF55 Datasheet HTML 51Page - Texas Instruments ADC32RF55 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 126 page
background image
7.3.3.1 SYSREF Capture Detection
The SYSREF input signal rising edge should be edge aligned with the rising edge of the sampling clock in order
to maximize the setup and hold times. The ADC32RF5x includes an internal SYSREF monitoring circuitry to
detect possible metastability resulting in a clock cycle slip; and thus, misalignment across devices.
The sampling clock gets delayed by ~160 ps and then captures the SYSREF signal. The SYSREF monitoring
circuitry captures the SYSREF signal ±50 ps (-50, -25, +16, +32, +48 ps) around the main SYSREF capture.
In ideal conditions no SYSREF transition happens within the 100 ps SYSREF capture window and all XOR
flags show "0". If a SYSREF/clock misalignment happens and the SYSREF transition falls within the SYSREF
monitoring window, then one of the XOR flags (which monitor adjacent SYSREF captures within the window)
shows a "1" and the SYSREF can be adjusted externally.
The SYSREF monitor registers are not sticky registers, which are updated at every rising edge of SYSREF.
SYSREF
CLK
110 ps
delay
XOR
1
XOR
2
XOR
3
XOR
4
XOR
5
SYSREF captured to ADC
25 ps
delay
25 ps
delay
16 ps
delay
16 ps
delay
16 ps
delay
A
B
C
D
E
F
Figure 7-16. SYSREF Detection Circuitry
Figure 7-17 shows a misaligned SYSREF signal where the SYSREF signal arrives much later than the sampling
clock rising edge. The SYSREF window feature checks if the SYSREF transition is within ±50 ps of the instant
when the SYSREF signal gets captured by the sampling clock.
In this example, the delayed SYSREF signal transitions between the "B" and "C" flip flop which raises the XOR2
flag. The XOR flags get reported in register 0x22F in the digital page. In this exampe, Register 0x22F reads back
0x8B, as shown in Table 7-11.
SYSREF
CLK
CLK + 160ps
+/- 50ps
SYSREF and
sampling clock are
edge aligned
XOR
1
XOR
2
XOR
3
XOR
4
XOR
5
Figure 7-17. Detection of SYSREF Transition Within Capture Window
Table 7-11. SYSREF Window Register Example (0x22F)
ADDR
D7
D6
D5
D4
D3
D2
D1
D0
0x22F
1
SYSREF X5
SYSREF X4
SYSREF X3
SYSREF X2
SYSREF X1
SYSREF OR
1
1
0
0
0
1
0
1
1
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com