Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 70 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 66Page - Texas Instruments ADC32RF55 Datasheet HTML 67Page - Texas Instruments ADC32RF55 Datasheet HTML 68Page - Texas Instruments ADC32RF55 Datasheet HTML 69Page - Texas Instruments ADC32RF55 Datasheet HTML 70Page - Texas Instruments ADC32RF55 Datasheet HTML 71Page - Texas Instruments ADC32RF55 Datasheet HTML 72Page - Texas Instruments ADC32RF55 Datasheet HTML 73Page - Texas Instruments ADC32RF55 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
7.3.7 SERDES Output MUX
The SERDES output block contains one digital mux per SERDES output lane with a 3-bit register. This allows
routing any of the 8 digital streams to any output serdes transmitter as shown in the example in Figure 7-43. The
MUX can be used to reorder lanes as well as duplicate lane outputs (for example in LMFS = 1-4-8-1 mode the
same output stream could be duplicated on all 8 lanes).
MUX
MUX
MUX
Stream 0
Stream 1
Stream 6
Stream 7
DOUT0...7P/M
SPI:
Lane x mux
select
Figure 7-43. SERDES output mux for DOUT0
By default after power, the active SERDES lanes start on lane DOUT0 as shown for the complex decimation
dual band example in Table 7-43. After power up, the output is transmitted on lanes DOUT0..3. Using the
digital output muxes, the output data for channel B is shifted from lanes DOUT2,3 to DOUT4,5. All SERDES
transmitters are powered up and enabled by default. After configuring the output mux unused lanes can be
powered down to save power consumption.
Table 7-43. JESD Sample Frame Assembly: Complex Decimation - Dual Band with LMFS = 4841
OUTPUT
LANE
Default
Using MUX
DOUT0
A1I0 [15:8]
A1I0 [7:0]
A1Q0 [15:8]
A1Q0 [7:0]
A1I0 [15:8]
A1I0 [7:0]
A1Q0 [15:8]
A1Q0 [7:0]
DOUT1
A2I0 [15:8]
A2I0 [7:0]
A2Q0 [15:8]
A2Q0 [7:0]
A2I0 [15:8]
A2I0 [7:0]
A2Q0 [15:8]
A2Q0 [7:0]
DOUT2
B1I0 [15:8]
B1I0 [7:0]
B1Q0 [15:8]
B1Q0 [7:0]
DOUT3
B2I0 [15:8]
B2I0 [7:0]
B2Q0 [15:8]
B2Q0 [7:0]
DOUT4
B1I0 [15:8]
B1I0 [7:0]
B1Q0 [15:8]
B1Q0 [7:0]
DOUT5
B2I0 [15:8]
B2I0 [7:0]
B2Q0 [15:8]
B2Q0 [7:0]
DOUT6
DOUT7
Table 7-44 shows the register writes to shift the output lanes from default as illustrated in Table 7-43.
Table 7-44. Example register writes to shift the output serdes lanes using the SERDES Output MUX
ADDR
DATA
DESCRIPTION
0x05
0x04
Select JESD page
0x81
0x54
Select internal JESD streams 4 and 5 to lanes DOUT2 and DOUT3
0x82
0x32
Select internal JESD streams 2 and 3 to lanes DOUT4 and DOUT5
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com