Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 42Page - Texas Instruments ADC32RF55 Datasheet HTML 43Page - Texas Instruments ADC32RF55 Datasheet HTML 44Page - Texas Instruments ADC32RF55 Datasheet HTML 45Page - Texas Instruments ADC32RF55 Datasheet HTML 46Page - Texas Instruments ADC32RF55 Datasheet HTML 47Page - Texas Instruments ADC32RF55 Datasheet HTML 48Page - Texas Instruments ADC32RF55 Datasheet HTML 49Page - Texas Instruments ADC32RF55 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
The internal aperture jitter is also dependent on the amplitude of the external clock input signal. Figure 7-12 and
Figure 7-13 show the expected SNR performance with dither on/off across clock amplitude (FS = 2.6 GSPS).
Figure 7-12. SNR vs Clock Amplitude (Dither OFF)
Figure 7-13. SNR vs Clock Amplitude (Dither ON)
The sampling clock input is internally terminated to 100 Ω differentially and provides a return loss better than 10
dB at 3 GHz (see Figure 7-14). The clock input consists of a single clock input buffer followed by a dedicated
clock buffer for ADCA1/2 as well as ADCB1/2. When averaging multiple ADCs, there are some close in clock
buffer noise which is correlated; and thus, does not improve with averaging.
CLKP
CLKM
To ADCA1/2
To ADCB1/2
5 k
V
CM
5 k
100
V
CM
Buffer
Figure 7-14. Internal Clock Input Routing
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com