Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 73 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 69Page - Texas Instruments ADC32RF55 Datasheet HTML 70Page - Texas Instruments ADC32RF55 Datasheet HTML 71Page - Texas Instruments ADC32RF55 Datasheet HTML 72Page - Texas Instruments ADC32RF55 Datasheet HTML 73Page - Texas Instruments ADC32RF55 Datasheet HTML 74Page - Texas Instruments ADC32RF55 Datasheet HTML 75Page - Texas Instruments ADC32RF55 Datasheet HTML 76Page - Texas Instruments ADC32RF55 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
7.4 Device Functional Modes
The device offers two different operating modes: bypass mode (1x AVG) and digital averaging (2x/4x AVG). Both
operating modes use the same digital back end and JESD204B output configurations.
7.4.1 Digital Averaging
The ADC32RF5x provides a total of eight internal single core 3.0 Gsps ADCs. Normal bypass mode uses only
two ADC cores (one ADC per channel). However, the additional six ADCs can be used to trade off further noise
density improvement against additional power consumption. Figure 7-45 shows the internal block diagrams for
the digital averaging modes. In averaging mode the output resolution is increased to 16-bit to avoid quantization
noise limitation.
In 2x averaging mode (left), one external input is connected to the INx1 input where two ADC cores internally
average the input signal. In 4x averaging (right), the signal has to be split externally and connected to both the
INx1 and INx2 inputs where four ADC cores internally average the signal.
INx1P/M
50 ,
100
ADC
ADC
INx1P/M
50 ,
100
ADC
ADC
INx2P/M
50 ,
100
ADC
ADC
External
Figure 7-45. Internal digital averaging (left: 2x, right: 4x)
Table 7-48 provides a trade-off comparison of the 3 different averaging mode options vs the default, non-
averaged mode.
Table 7-48. Digital Averaging vs Full Power Input Bandwidth (–3 dB)
# of ADCs
averaged
ADC inputs used for
averaging
Input Bandwidth
(-3 dB)
Selected differential
input termination
Noise density
Power/ch (W)
Default
INx1
2.75 GHz
100 Ω
-156 dBFS/Hz
~2.1
2
INx1
2.75 GHz
100 Ω
-158 dBFS/Hz
~2.6
4
INx1, INx2
2.1 GHz
100 Ω
-160 dBFS/Hz
~3.5
Digital averaging improves decorrelated noise contributions by 3 dB per 2x AVG (ideal) while correlated
noise does not improve with averaging. Some of the dominant noise sources are correlated, that is, clock
jitter (external or first clock input buffer), or power supply noise. While others (such as, ADC thermal noise,
clock distribution buffers) are decorrelated. Table 7-49 illustrates a performance example comparison across
averaging options.
SNR: When operating close to ADC fullscale, some of the SNR limitation is due to jitter and hence the SNR
improvement will not reach 3 dB (2x AVG) or 6 dB (4x AVG). As the input fullscale is reduced, the clock jitter
contribution to SNR becomes less and the SNR improvement is approaching the ideal 3 dB per 2x AVG. The
same phenomenon can be observed when using digital decimation. As the decimation factor increases, the
close-in (correlated noise) becomes the more dominating noise unless the input signal amplitude is reduced.
SFDR: The amplitude of low order harmonics (HD2-HD5) and IMD3 typically is similar across ADCs; thus, the
improvement with averaging is small.
www.ti.com
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com