Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 19Page - Texas Instruments ADC32RF55 Datasheet HTML 20Page - Texas Instruments ADC32RF55 Datasheet HTML 21Page - Texas Instruments ADC32RF55 Datasheet HTML 22Page - Texas Instruments ADC32RF55 Datasheet HTML 23Page - Texas Instruments ADC32RF55 Datasheet HTML 24Page - Texas Instruments ADC32RF55 Datasheet HTML 25Page - Texas Instruments ADC32RF55 Datasheet HTML 26Page - Texas Instruments ADC32RF55 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
6.12 Typical Characteristics - ADC32RF54 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 2.6 GSPS, LMFS = 8224, 50% clock duty cycle, AVDD18 = 1.8 V,
AVDD12, CLKVDD, DVDD = 1.2 V and –1-dBFS differential input, unless otherwise noted
SNR = 67.1 dBFS, SFDR = 56 dBc, Non HD23 = 80 dBFS
AIN = -20 dBFS, 2x AVG, Dither = DIS
Figure 6-19. Single Tone FFT at FIN = 900 MHz
Input Frequency (MHz)
0
200
400
600
800
1000
1200
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 66.8 dBFS1, SFDR = 65 dBc, Non HD23 = 93 dBFS
AIN = -20 dBFS, 2x AVG, Dither = EN
Figure 6-20. Single Tone FFT at FIN = 900 MHz
SNR = 70.0 dBFS, SFDR = 58 dBc, Non HD23 = 85 dBFS
AIN = -20 dBFS, 4x AVG, Dither = DIS
Figure 6-21. Single Tone FFT at FIN = 900 MHz
Input Frequency (MHz)
0
200
400
600
800
1000
1200
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 69.5 dBFS1, SFDR = 67 dBc, Non HD23 = 88 dBFS
AIN = -20 dBFS, 4x AVG, Dither = EN
Figure 6-22. Single Tone FFT at FIN = 900 MHz
IMD3 = 72 dBc
AIN = -7 dBFS/tone, 1x AVG, Dither = DIS
Figure 6-23. Two Tone FFT at FIN = 900/1000 MHz
IMD3 = 74 dBc
AIN = -10 dBFS/tone, 1x AVG, Dither = EN
Figure 6-24. Two Tone FFT at FIN = 900/1000 MHz
www.ti.com
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com