Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF55 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC32RF55
Description  ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF55 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC32RF55 Datasheet HTML 9Page - Texas Instruments ADC32RF55 Datasheet HTML 10Page - Texas Instruments ADC32RF55 Datasheet HTML 11Page - Texas Instruments ADC32RF55 Datasheet HTML 12Page - Texas Instruments ADC32RF55 Datasheet HTML 13Page - Texas Instruments ADC32RF55 Datasheet HTML 14Page - Texas Instruments ADC32RF55 Datasheet HTML 15Page - Texas Instruments ADC32RF55 Datasheet HTML 16Page - Texas Instruments ADC32RF55 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 2.6 GSPS, Bypass mode, 50% clock duty cycle, AVDD18 =
1.8 V, AVDD12, AVDDCLK, DVDD = 1.2 V, –4-dBFS differential input and dither ENABLED, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD2
Second Harmonic Distortion
fIN = 100 MHz
74
dBc
fIN = 500 MHz
76
fIN = 900 MHz
74
fIN = 1.8 GHz
TBD
65
fIN = 2.4 GHz
62
HD3
Third Harmonic Distortion
fIN = 100 MHz
76
dBc
fIN = 500 MHz
72
fIN = 900 MHz
76
fIN = 1.8 GHz
TBD
72
fIN = 2.4 GHz
72
Non
HD2,3
Spur free dynamic range
(excluding HD2 and HD3)
fIN = 100 MHz
88
dBFS
fIN = 500 MHz
89
fIN = 900 MHz
78
fIN = 1.8 GHz
TBD
79
fIN = 2.4 GHz
87
IMD3
Two tone inter-modulation
distortion
f1 = 700 MHz, f2 = 800 MHz, AIN = -10 dBFS/tone
71
dBc
f1 = 1.5 GHz, f2 = 1.6 GHz, AIN = -10 dBFS/tone
75
(1)
Measured from 100 MHz to Nyquist (FS/2) excluding dither
www.ti.com
ADC32RF54, ADC32RF55
SBAS500A – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC32RF54 ADC32RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com