Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP72250 Datasheet HTML 1Page - Diodes Incorporated AP72250 Datasheet HTML 2Page - Diodes Incorporated AP72250 Datasheet HTML 3Page - Diodes Incorporated AP72250 Datasheet HTML 4Page - Diodes Incorporated AP72250 Datasheet HTML 5Page - Diodes Incorporated AP72250 Datasheet HTML 6Page - Diodes Incorporated AP72250 Datasheet HTML 7Page - Diodes Incorporated AP72250 Datasheet HTML 8Page - Diodes Incorporated AP72250 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
4 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Functional Block Diagram
Gate
Drivers
+
-
CSA
Control
Logic
C4
EN
VCC
Internal
Reference
REF
900kHz
Oscillator
RT
250kΩ
50pF
+
+
-
Error
Amplifier
Internal
SS
REF
+
-
PWM
Comparator
+
VSUM
SE
RT
COMP
OCP
+
-
C3
Thermal
Shutdown
VOUT
VCC
Q1
Q2
A3
VCC
B4
C2
C1
A2
A1
B2
B1
VOUT
VOUT
PGND
PGND
PG
GND
VIN
MODE
FB
SW
SW
A4
B3
DISCHARGE
VIN
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com