Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 2Page - Diodes Incorporated AP72250 Datasheet HTML 3Page - Diodes Incorporated AP72250 Datasheet HTML 4Page - Diodes Incorporated AP72250 Datasheet HTML 5Page - Diodes Incorporated AP72250 Datasheet HTML 6Page - Diodes Incorporated AP72250 Datasheet HTML 7Page - Diodes Incorporated AP72250 Datasheet HTML 8Page - Diodes Incorporated AP72250 Datasheet HTML 9Page - Diodes Incorporated AP72250 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
6 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Electrical Characteristics (@TJ = +25°C, VIN = VEN = 3.6V, unless otherwise specified. Min/Max limits apply across the
recommended operating junction temperature range, -40°C to +125°C, and input voltage range, 0.6V to 5.5V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V, VIN = 5.5V
—
2.5
5.3
μA
IQ
Quiescent Supply Current
VEN = VIN, VFB = 1.0V
—
20
30
μA
VEN = VIN, VMODE = GND
R1 = 1.05MΩ, R2 = 200kΩ
—
50
70
μA
VEN = VIN, VMODE = Floating
R1 = 1.05MΩ, R2 = 200kΩ
—
200
280
μA
VEN = VMODE = VIN
R1 = 1.05MΩ, R2 = 200kΩ
—
15
20
mA
POR
VIN Power-on Reset Rising Threshold
—
—
1.0
1.1
V
UVLO
VIN Undervoltage Lockout Falling Threshold
—
0.44
0.57
0.70
V
RDS(ON)1
High-Side Power MOSFET On-Resistance (Note 8)
—
—
20
27
mΩ
RDS(ON)2
Low-Side Power MOSFET On-Resistance (Note 8)
—
—
26
38
mΩ
RDISCHARGE
VOUT Soft Discharge On-Resistance
—
100
200
300
Ω
IHS_LEAK
HS Leakage Current
VOUT = 5.5V, VEN = VSW = 0V
—
—
0.8
μA
IPEAK_LIMIT
LS Peak Current Limit (Note 8)
From Drain to Source,
VIN or VOUT > 2V
4.15
4.7
5.8
A
INCL
HS Negative Current Limit
From Drain to Source
-2.4
-2.0
-1.6
A
IPFMPK
PFM Peak Current Limit
—
1.2
1.5
1.8
A
IZC
Zero Cross Current Threshold
—
—
30
—
mA
fSW
Oscillator Frequency
CCM
0.77
0.90
1.03
MHz
VMODE = Floating
20.5
25
—
kHz
VMODE_PFM
PFM Mode Logic Threshold
VMODE = GND
—
—
0.4
V
VMODE_USM
Ultrasonic Mode Logic Threshold
VMODE = Floating
—
0.55
—
V
VMODE_PWM
PWM Mode Logic Threshold
VMODE = VIN
0.7
—
—
V
IMODE
MODE Input Current
VMODE = 0V
—
0.2
—
μA
VMODE = 5.5V
—
0.2
—
μA
tOFF_MIN
Minimum Off-Time
—
—
120
—
ns
VFB
Feedback Voltage
CCM
0.792
0.800
0.808
V
VEN_H
EN Logic High Threshold
VIN < 1.6V
0.78
—
—
V
VIN > 1.6V
0.90
—
—
V
VEN_L
EN Logic Low Threshold
—
—
—
0.2
V
IEN
EN Input Current
VEN = 5.5V
—
0.1
—
μA
VEN = 0V
—
0.1
—
μA
PGUV_FALL
Undervoltage Falling Threshold
Percent of Output Regulation,
Fault
—
75
—
%
PGUV_RISE
Undervoltage Rising Threshold
Percent of Output Regulation,
Good
—
80
—
%
PGOV_RISE
Overvoltage Rising Threshold
Percent of Output Regulation,
Fault
—
120
—
%
PGOV_FALL
Overvoltage Falling Threshold
Percent of Output Regulation,
Good
—
115
—
%
tPG_RD
Power-Good Rise Delay Time
—
—
2
—
ms
tPG_FD
Power-Good Fall Delay Time
—
—
5
—
μs
VPG_OL
Power-Good Output Logic Low
IPG = -1mA
—
—
0.4
V
RPG
Power-Good Pull-up Resistor
—
—
5
—
MΩ
TSD
Thermal Shutdown (Note 8)
—
—
+150
—
°C
THYS
Thermal Shutdown Hysteresis (Note 8)
—
—
+20
—
°C
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com