Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated AP72250 Datasheet HTML 23Page - Diodes Incorporated AP72250 Datasheet HTML 24Page - Diodes Incorporated AP72250 Datasheet HTML 25Page - Diodes Incorporated AP72250 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
23 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Layout
PCB Layout
1.
The AP72250 works at 4.7A peak load current so heat dissipation is a major concern in the layout of the PCB. 2oz copper for both the top and
bottom layers is recommended.
2.
Place the input capacitors as closely across VIN and PGND as possible.
3.
Place the inductor as close to SW as possible.
4.
Place the output capacitors as closely across VOUT and PGND as possible.
5.
Connect the Analog Ground (GND) to a large, low-noise ground plane at the top or at an intermediate layer of the PCB and away from the
switching current path of PGND.
6.
Place the feedback components as close to FB as possible.
7.
If using four or more layers, use at least the 2nd and 3rd layers as GND to maximize thermal performance.
8.
Add as many vias as possible around both the GND pin and under the GND plane for heat dissipation to all the GND layers.
9.
Add as many vias as possible around both the VIN pin and under the VIN plane for heat dissipation to all the VIN layers.
10. See Figure 56 for more details.
VOUT
VOUT
GND
FB
SW
SW
MODE
PG
PGND
PGND
VIN
EN
R1
C1
R2
VIN
VOUT
Figure 56. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com