Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 14Page - Diodes Incorporated AP72250 Datasheet HTML 15Page - Diodes Incorporated AP72250 Datasheet HTML 16Page - Diodes Incorporated AP72250 Datasheet HTML 17Page - Diodes Incorporated AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
18 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Application Information
1
Pulse Width Modulation (PWM) Operation
The AP72250 device is a 0.6V-to-5.5V input, fully integrated synchronous boost converter with 1.0V minimum startup. Refer to the block diagram in
Figure 3. The device employs fixed-
frequency peak current mode control. The internal clock’s rising edge initiates turning on the integrated low-side
power MOSFET, Q1, for each cycle. When Q1 is on, the inductor current rises linearly. The current across Q1 is sensed and converted to a voltage
with a ratio of RT via the CSA block. The CSA output is combined with an internal slope compensation, SE, resulting in VSUM. When VSUM rises
higher than the COMP node, the device turns off Q1 and turns on the high-side power MOSFET, Q2. The inductor current decreases when Q2 is
on and charges the output capacitor. On the rising edge of next clock cycle, Q2 turns off and Q1 turns on. This sequence repeats every clock cycle.
The error amplifier generates the COMP voltage by comparing the voltage on the FB pin with an internal 0.8V reference. An increase in load current
causes the feedback voltage to drop. The error amplifier thus raises the COMP voltage until the average inductor current matches the increased
load current. This feedback loop regulates the output voltage. The internal slope compensation circuitry prevents subharmonic oscillation when the
duty cycle is greater than 50% for peak current mode control.
When the input voltage is above 90% of the output voltage, the AP72250 rapidly and smoothly transits from boost to pass-through mode by keeping
the high-side MOSFET, Q2, on.
The peak current mode control, integrated loop compensation network simplifies the AP72250 footprint as well as minimizing the external component
count.
Connecting the MODE pin to VIN sets the AP72250 to operate in Forced PWM Mode regardless of output load.
2
Pulse Frequency Modulation (PFM) and Ultrasonic Mode (USM) Operation
AP72250 enters PFM operation during light load conditions when the MODE pin is tied to GND. In heavy load conditions, the AP72250 operates in
PWM mode. As the load current decreases, the internal COMP node voltage also decreases. At a certain limit, if the load current is low enough, the
COMP node voltage is clamped and is prevented from decreasing any further. The voltage at which COMP is clamped corresponds to the 1.5A PFM
peak inductor current limit. As the load current approaches zero, the AP72250 enters PFM mode to increase the converter power efficiency at light
load conditions. When the inductor current decreases to 30mA, zero cross detection circuitry on the high-side power MOSFET, Q2, forces it off. The
boost converter does not sink current from the output when the output load is light and while the device is in PFM. Since the AP72250 works in PFM
during light load conditions, it can achieve power efficiency of up to 89% at a 5mA load condition.
AP72250 enters USM operation during light load conditions when the MODE pin is left floating. USM is similar to PFM operation but with one key
difference. Unlike in PFM, operating in USM limits the switching frequency of the device from falling below 20.5kHz. This prevents the device from
switching in the audible frequency range. When the regulator detects that no switching has occurred within the last 37
μs, it turns on Q2 for a fixed
amount of time (~50ns) to induce a negative inductor current and force switching action on the SW pin.
The quiescent current of AP72250 is 20
μA typical under a no-load, non-switching condition.
3
Enable
When the EN voltage falls below its logic low threshold (maximum 0.2V, falling), the internal SS voltage discharges to ground and device operation
disables. When disabled, the device shutdown supply current is only 2.5
μA. When applying a voltage greater than the EN logic high threshold
(minimum 0.90V, rising when VIN > 1.6V), the AP72250 enables all functions and the device initiates the soft-start phase. Alternatively, leave the
EN pin floating to allow the AP72250 to soft-start automatically when VIN > 1V. During the soft-start period when VOUT < VIN, the inductor current
is regulated at 250mA. Therefore, the load current should not exceed 100mA during startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com