Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 8Page - Diodes Incorporated AP72250 Datasheet HTML 9Page - Diodes Incorporated AP72250 Datasheet HTML 10Page - Diodes Incorporated AP72250 Datasheet HTML 11Page - Diodes Incorporated AP72250 Datasheet HTML 12Page - Diodes Incorporated AP72250 Datasheet HTML 13Page - Diodes Incorporated AP72250 Datasheet HTML 14Page - Diodes Incorporated AP72250 Datasheet HTML 15Page - Diodes Incorporated AP72250 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
12 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Typical Performance Characteristics (AP72250 @TA = +25°C, VIN = 3.6V, VOUT = 5.2V, MODE = USM, BOM = Table 1,
unless otherwise specified.) (continued)
Figure 27. Efficiency vs. Output Current, VOUT = 5.2V
Figure 28. Efficiency vs. Output Current, VOUT = 3.3V
Figure 29. Line Regulation
Figure 30. Load Regulation
Figure 31. IQ vs. Temperature,
VEN = VIN, VMODE = Floating, R1 = 1.05MΩ, R2 = 200kΩ
Figure 32. fSW vs. Temperature, IOUT = 0A
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.6V
VIN = 4V
VIN = 4.5V
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
IOUT = 0mA
IOUT = 100mA
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
IOUT (A)
170
180
190
200
210
220
230
240
250
260
270
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com