Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated AP72250 Datasheet HTML 23Page - Diodes Incorporated AP72250 Datasheet HTML 24Page - Diodes Incorporated AP72250 Datasheet HTML 25Page - Diodes Incorporated AP72250 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
22 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Application Information (continued)
13
Input Capacitor
The input capacitor reduces both the surge current drawn from the input supply as well as the switching noise from the device.
While a 10μF input
capacitor is sufficient for most applications, larger values may be used to reduce input ripple without limitations. It is recommended to use at least
X5R or X7R ceramic input capacitors.
14
Output Capacitor
The output capacitor must sustain the ripple current produced during the off-time of the switching period. It must have a low ESR to minimize power
dissipation due to the RMS output current.
The RMS current rating of the output capacitor is a critical parameter and must be higher than the RMS output current. As a rule of thumb, select an
output capacitor with a RMS current rating greater than 2.5A.
Due to large dI/dt through the output capacitor, electrolytic, or ceramic capacitors with low ESR should be used. If using a tantalum capacitor, it must
be surge protected or else capacitor failure could occur. For most applications, a total capacitance of 2 x 22µF using ceramic capacitors is sufficient.
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability, and reduces both the overshoots and undershoots of
the output voltage during load transients. During the first few microseconds of an increasing load transient, the converter recognizes the change
from steady-state and enters maximum duty cycle to supply more current to the load. However, the inductor limits the change in increasing current
depending on its inductance. Therefore, the output capacitor supplies the difference in current to the load during this time. Likewise, during the first
few microseconds of a decreasing load transient, the converter recognizes the change from steady-state and sets the on-time to minimum to reduce
the current supplied to the load. However, the inductor limits the change in decreasing current as well. Therefore, the output capacitor absorbs the
excess current from the inductor during this time.
The ESR of the output capacitor dominates the output voltage ripple. The amount of output voltage ripple can be calculated by:
������������������������������������������������������������ = ������������
������������������������ ∙ (������������������)
Eq. 7
Where:
ESR is the equivalent series resistance of the output capacitor
An output capacitor with large capacitance and low ESR is the best option. For most applications, using 2 x 22µF to 5 x 22µF, X5R or X7R
ceramic capacitors are sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com