Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 6Page - Diodes Incorporated AP72250 Datasheet HTML 7Page - Diodes Incorporated AP72250 Datasheet HTML 8Page - Diodes Incorporated AP72250 Datasheet HTML 9Page - Diodes Incorporated AP72250 Datasheet HTML 10Page - Diodes Incorporated AP72250 Datasheet HTML 11Page - Diodes Incorporated AP72250 Datasheet HTML 12Page - Diodes Incorporated AP72250 Datasheet HTML 13Page - Diodes Incorporated AP72250 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
10 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Typical Performance Characteristics (AP72250 @TA = +25°C, VIN = 3.6V, VOUT = 5.2V, MODE = PFM, BOM = Table 1,
unless otherwise specified.) (continued)
Figure 20. Output Voltage Ripple, VOUT = 5.2V, IOUT = 50mA
Figure 21. Output Voltage Ripple, VOUT = 5.2V, IOUT = 2A
Figure 22. Output Voltage Ripple, VIN = 3V,
VOUT = 3.3V, IOUT = 50mA
Figure 23. Output Voltage Ripple, VIN = 3V,
VOUT = 3.3V, IOUT = 2A
VOUTAC (100mV/div)
IL (2A/div)
VSW (5V/div)
10
μs/div
VOUTAC (50mV/div)
IL (2A/div)
VSW (5V/div)
1
μs/div
VOUTAC (200mV/div)
IL (2A/div)
VSW (2V/div)
10
μs/div
VOUTAC (50mV/div)
IL (2A/div)
VSW (2V/div)
1
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com