Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated AP72250 Datasheet HTML 23Page - Diodes Incorporated AP72250 Datasheet HTML 24Page - Diodes Incorporated AP72250 Datasheet HTML 25Page - Diodes Incorporated AP72250 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
24 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Ordering Information
CJ12 : X1-WLB1713-12
AP72250 X - X
7 : Tape & Reel
Package
Packing
Part Number
Package
Package Code
Packing
Qty.
Carrier
AP72250CJ12-7
X1-WLB1713-12
CJ12
3,000
7” Tape and Reel
Marking Information
X1-WLB1713-12
XX : Identification Code
(Top View)
X : Internal Code
YWX
XX
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~ z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP72250CJ12-7
X1-WLB1713-12
F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com