Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 15Page - Diodes Incorporated AP72250 Datasheet HTML 16Page - Diodes Incorporated AP72250 Datasheet HTML 17Page - Diodes Incorporated AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated AP72250 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
19 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Application Information (continued)
4
Power-Good (PG) Indicator
The PG pin of AP72250 is an open-drain output that is actively held low during the soft-start period until the output voltage reaches 80% of its target
value. When the output voltage is outside of its regulation by +20% or -25%, PG pulls low until the output returns within +15% or -20% of its set
value. The PG rising edge transition is delayed by 2ms while its falling edge transition is delayed by 5
μs to prevent false triggering. The PG pin is
connected to an internal VCC
through an internal 5MΩ pull-up resistor.
5
Undervoltage Lockout (UVLO)
Undervoltage lockout is implemented to protect the IC from insufficient input voltages. The AP72250 disables if the input voltage falls below 0.57V.
In this UVLO event, both the high-side and low-side power MOSFETs turn off and the 200
Ω active discharge enables to discharge the output voltage
to ground.
6
Overcurrent Protection (OCP) and Short-Circuit Protect (SCP)
The AP72250 has cycle-by-cycle peak current limit protection by sensing the current through the internal low-side power MOSFET, Q1. While Q1
is on, the internal sensing circuitry monitors its conduction current. The overcurrent limit has a corresponding voltage limit, VLIMIT. When the voltage
between PGND and SW is lower than VLIMIT due to excessive current through Q1, the OCP triggers, and the controller turns off Q1. During this
time, both Q1 and Q2 remain off. A new switching cycle begins only when the voltage between PGND and SW rises above VLIMIT.
If Q1 consistently hits the peak current limit for seven switching cycles and VOUT < VIN, then the boost converter enters short-circuit protection.
The high-side power MOSFET switches its body diode connection to VIN to protect the device from having a direct path between VIN and VOUT
through the body diode. In the short-circuit condition, the inductor current is regulated at 250mA to prevent excessive power dissipation.
7
Reverse (Negative) Current Protection
During PWM operation, a reverse current comparator on the high-side power MOSFET, Q2, monitors the current entering from VOUT. When this
current exceeds 2A (typical), Q2 turns off for the remainder of the switching cycle. This feature protects the boost converter from excessive reverse
current if the boost output voltage is held above its target voltage by an external source.
8
Output Active Discharge
AP72250
provides an internal 200Ω resistor for the output active discharge function. The internal resistor discharges the energy stored in the output
capacitor to PGND whenever the regulator is disabled or encounters thermal shutdown. The internal discharge resistor disconnects from the output
when the regulator is enabled and in normal operating conditions.
9
Thermal Shutdown (TSD)
If the junction temperature of the device reaches the thermal shutdown limit of +150°C, the AP72250 shuts down both its high-side and low-side
power MOSFETs and triggers the output active discharge. When the junction temperature reduces to the required level (+130°C typical), the device
initiates a normal power-up cycle with soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com