Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated AP72250 Datasheet HTML 20Page - Diodes Incorporated AP72250 Datasheet HTML 21Page - Diodes Incorporated AP72250 Datasheet HTML 22Page - Diodes Incorporated AP72250 Datasheet HTML 23Page - Diodes Incorporated AP72250 Datasheet HTML 24Page - Diodes Incorporated AP72250 Datasheet HTML 25Page - Diodes Incorporated AP72250 Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
25 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-WLB1713-12
X1-WLB1713-12
Dim
Min
Max
Typ
A
0.400
0.500
0.450
A1
0.170
0.210
0.190
A2
0.210
0.310
0.260
b
0.240
0.300
0.270
D
1.325
1.375
1.350
D1
0.750
0.850
0.800
E
1.725
1.775
1.750
E1
1.150
1.250
1.200
e
0.400 BSC
SD
0.400 BSC
SE
0.000 BSC
aaa
0.10
bbb
0.10
ccc
0.05
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-WLB1713-12
Dimensions
Value (in mm)
C
0.400
C1
1.200
C2
0.800
C3
0.400
D
0.270
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: SnAgCu Balls, Solderable per MIL-STD-202, Method 208
Weight: 0.002 grams (Approximate)
bbb C
B
bbb
C A B
Seating Plane
C
E
D
aaa C
e
E1
D1
A1 Corner
By Marking
SD
A1
4x
A2
A
ccc C
A
B
C
1
3
2
4
12x Ø b
SE
4x
C
C1
C2
C3
ØD
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com