Electronic Components Datasheet Search
  English  ▼

X  

AP72250 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP72250
Description  0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP72250 Datasheet HTML 11Page - Diodes Incorporated AP72250 Datasheet HTML 12Page - Diodes Incorporated AP72250 Datasheet HTML 13Page - Diodes Incorporated AP72250 Datasheet HTML 14Page - Diodes Incorporated AP72250 Datasheet HTML 15Page - Diodes Incorporated AP72250 Datasheet HTML 16Page - Diodes Incorporated AP72250 Datasheet HTML 17Page - Diodes Incorporated AP72250 Datasheet HTML 18Page - Diodes Incorporated AP72250 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
AP72250
Document number: DS44135 Rev. 1 - 2
15 of 26
www.diodes.com
January 2022
© Diodes Incorporated
AP72250
Typical Performance Characteristics (AP72250 @TA = +25°C, VIN = 3.6V, VOUT = 5.2V, MODE = PWM, BOM = Table 1,
unless otherwise specified.) (continued)
Figure 41. Efficiency vs. Output Current, VOUT = 5.2V
Figure 42. Efficiency vs. Output Current, VOUT = 3.3V
Figure 43. Line Regulation
Figure 44. Load Regulation
Figure 45. IQ vs. Temperature,
VEN = VMODE = VIN, R1 = 1.05MΩ, R2 = 200kΩ
Figure 46. fSW vs. Temperature, IOUT = 0A
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.6V
VIN = 4V
VIN =4.5V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
5.15
5.16
5.17
5.18
5.19
5.20
5.21
5.22
5.23
5.24
5.25
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
IOUT = 0mA
IOUT = 100mA
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
IOUT (A)
9
10
11
12
13
14
15
16
17
18
19
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
125
250
375
500
625
750
875
1000
1125
1250
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com