Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 2 Page - Microchip Technology

  ATA663201 Datasheet HTML 1Page - Microchip Technology ATA663201 Datasheet HTML 2Page - Microchip Technology ATA663201 Datasheet HTML 3Page - Microchip Technology ATA663201 Datasheet HTML 4Page - Microchip Technology ATA663201 Datasheet HTML 5Page - Microchip Technology ATA663201 Datasheet HTML 6Page - Microchip Technology ATA663201 Datasheet HTML 7Page - Microchip Technology ATA663201 Datasheet HTML 8Page - Microchip Technology ATA663201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ATA663201/03/31/54
DS20006075D-page 2
 2018-2021 Microchip Technology Inc.
Block Diagram LIN Transceiver with Integrated Voltage Regulator (SBC)
TABLE 1:
ATA663201/03/31/54 FAMILY
MEMBERS
Device
Description
ATA663231 LIN-SBC with 3.3V regulator
ATA663254 LIN-SBC with 5V regulator
ATA663201 Voltage regulator 3.3V
ATA663203 Voltage regulator 5V
5
GND
2
EN
4
TXD
1
RXD
VCC
8
NRES
3
Short-circuit and
overtemperature
protection
Voltage regulator
Normal/Silent/
Fail-safe Mode
3.3V/5V
Control
unit
Normal and
Fail-safe
Mode
RF-filter
LIN
VS
7
6
TXD
Time-out
timer
Slew rate control
Undervoltage reset
Sleep
mode
VCC
switched
off
Wake-up bus timer
ATA663231/54
Receiver
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com