Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 17 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 13Page - Microchip Technology ATA663201 Datasheet HTML 14Page - Microchip Technology ATA663201 Datasheet HTML 15Page - Microchip Technology ATA663201 Datasheet HTML 16Page - Microchip Technology ATA663201 Datasheet HTML 17Page - Microchip Technology ATA663201 Datasheet HTML 18Page - Microchip Technology ATA663201 Datasheet HTML 19Page - Microchip Technology ATA663201 Datasheet HTML 20Page - Microchip Technology ATA663201 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 17
ATA663201/03/31/54
1.9
VS Operation
Threshold
(Switching to
Unpowered Mode)
VVS_th_U_down
1.9
2.05
2.3
V
Switch to unpowered
mode
VVS_th_U_up
2.0
2.25
2.4
V
Switch from
unpowered to Fail-
Safe mode
1.10
VS Undervoltage
Hysteresis
VVS_hys_U
0.1
0.2
0.3
V
2
RXD Output Pin (only SBC)
2.1
Low-Level Output
Sink Capability
VRXDL
—
0.2
0.4
V
Normal mode,
VLIN =0V,
IRXD =2 mA
2.2
High-Level Output
Source Capability
VRXDH
VVCC -0.4V VVCC -0.2V
—
V
Normal mode
VLIN =VVS,
IRXD =-2 mA
3
TXD Input/Output Pin (only SBC)
3.1
Low-Level Voltage
Input
VTXDL
-0.3
—
+0.8
V
3.2
High-Level
Voltage Input
VTXDH
2—
VVCC +0.3V
V
3.3
Pull-Up Resistor
RTXD
40
70
100
kΩ VTXD =0V
3.4
High-Level
Leakage Current
ITXD
-3
—
+3
µA VTXD =VVCC
3.7
Low-Level Output
Sink Current at
LIN Wake-Up
Request
ITXD
1.5
2.5
8
mA Fail-Safe mode
VLIN =VVS
VTXD =0.4V
4
EN Input Pin (only SBC)
4.1
Low-Level Voltage
Input
VENL
-0.3
—
+0.8
V
4.2
High-Level
Voltage Input
VENH
2—
VVCC +0.3V
V
4.3
Pull-Down
Resistor
REN
50
125
200
kΩ VEN =VVCC
4.4
Low-Level Input
Current
IEN
-3
—
+3
µA VEN =0V
5
NRES Open Drain Output Pin
5.1
Low-Level Output
Voltage
VNRESL
0.2
0.4
V
VVS ≥ 5.5V
INRES =2 mA
5.2
Undervoltage
Reset Time
tReset
24
6
ms VVS ≥ 5.5V
CNRES =20pF
5.3
Reset Debounce
Time for Falling
Edge
tres_f
0.5
—
10
µs VVS ≥ 5.5V
CNRES =20pF
5.4
Switch Off
Leakage Current
INRES_L
-3
—
+3
µA VNRES =5.5V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, all values are specified for 5V < VVS <28V,
-40°C < TvJ < +150°C and refer to the GND pin.
No.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com