Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 11 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 7Page - Microchip Technology ATA663201 Datasheet HTML 8Page - Microchip Technology ATA663201 Datasheet HTML 9Page - Microchip Technology ATA663201 Datasheet HTML 10Page - Microchip Technology ATA663201 Datasheet HTML 11Page - Microchip Technology ATA663201 Datasheet HTML 12Page - Microchip Technology ATA663201 Datasheet HTML 13Page - Microchip Technology ATA663201 Datasheet HTML 14Page - Microchip Technology ATA663201 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 11
ATA663201/03/31/54
FIGURE 1-12:
8-LEAD VDFN PACKAGE POWER DISSIPATION: SAFE OPERATING AREA:
REGULATOR’S OUTPUT CURRENT IVCC VERSUS SUPPLY VOLTAGE VVS AT
DIFFERENT AMBIENT TEMPERATURES (RthvJA = 50K/W ASSUMED)
When the ATA663254 in its special 8-Lead SOIC
package (fused lead frame to pin 5) is being soldered
on to the PCB, it is mandatory to connect pin 5 with a
wide GND plate on the printed board to get a good heat
sink.
Figure 1-13 shows the safe operating area of the
ATA663254 in the 8-Lead SOIC package.
FIGURE 1-13:
8-LEAD SOIC PACKAGE POWER DISSIPATION: SAFE OPERATING AREA:
REGULATOR’S OUTPUT CURRENT IVCC VERSUS SUPPLY VOLTAGE VVS AT
DIFFERENT AMBIENT TEMPERATURES (RthvJA = 80K/W ASSUMED)
(V)
TAMB = +125°C
TAMB = +115°C
TAMB = +105°C
TAMB = +95°C
TAMB = +85°C
0
10
20
30
40
50
60
70
80
90
5678
9
10
11
12
13
14
15
16
17
18
56789
10
11
12
13
14
15
16
17
18
(V)
90
80
70
60
50
40
30
20
10
0
TAMB = +85°C
TAMB = +115°C
TAMB = +105°C
TAMB = +95°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com