Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 6 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 2Page - Microchip Technology ATA663201 Datasheet HTML 3Page - Microchip Technology ATA663201 Datasheet HTML 4Page - Microchip Technology ATA663201 Datasheet HTML 5Page - Microchip Technology ATA663201 Datasheet HTML 6Page - Microchip Technology ATA663201 Datasheet HTML 7Page - Microchip Technology ATA663201 Datasheet HTML 8Page - Microchip Technology ATA663201 Datasheet HTML 9Page - Microchip Technology ATA663201 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ATA663201/03/31/54
DS20006075D-page 6
 2018-2021 Microchip Technology Inc.
1.2.3
SLEEP MODE (SBC ONLY)
A falling edge at EN while TXD is low switches the IC
into Sleep mode. The TXD signal has to be logic low
during the mode select window (Figure 1-6).
FIGURE 1-4:
SWITCHING TO SLEEP MODE
In order to avoid any influence to the LIN pin when
switching into Sleep mode, it is possible to switch EN
up to 3.2 μs earlier to low than TXD. The easiest and
best way to do this is by having two falling edges at
TXD and EN at the same time.
In Sleep mode, the transmission path is disabled.
Supply current from VBat is typically IVSsleep =9 μA.
The VCC regulator is switched off; NRES and RXD are
low. The internal termination resistor between the LIN
pin and VS pin is disabled to minimize the current con-
sumption in case the LIN pin is short-circuited to GND.
Only a weak pull-up current (typically 10 μA) between
the LIN pin and the VS pin is present. The Sleep mode
can be activated independently from the current level
on the LIN pin.
Voltage below the LIN pre-wake detection VLINL at the
LIN pin activates the internal LIN receiver and starts the
wake-up detection timer.
If the TXD pin is short-circuited to GND, it is possible to
switch to Sleep mode via EN after t > tdom.
1.2.4
FAIL-SAFE MODE (SBC ONLY)
The device automatically switches to Fail-Safe mode at
system power-up. The voltage regulator is switched on.
The NRES output remains low for tres =4 ms and
causes
the
microcontroller
to
be
reset.
LIN
communication is switched off. The IC stays in this
mode until EN is switched to high. The IC then changes
to Normal mode. A low at NRES switches the IC into
Fail-Safe mode directly. During Fail-Safe mode, the
TXD pin is an output and, together with the RXD output
pin, signals the Fail-Safe source.
If the device enters the Fail-Safe mode coming from the
Normal mode (EN = 1) due to a VS undervoltage
condition (VVS <VVS_th_N_F_down), it is possible to
switch into sleep or silent mode by a falling edge at the
EN input. With this feature the current consumption can
be further reduced.
A wake-up event from either Silent or Sleep mode is
signaled to the microcontroller using the RXD pin and
the TXD pin. A VS undervoltage condition is also
signaled at these two pins. The coding is shown in
Table 1-2.
A wake-up event switches the IC to Fail-Safe mode.
Delay time
leep mode
td_sleep = maximum 20 μs
LIN switches directly to
ecessive mode
td = 3.2 μs
LIN
VCC
NRES
TXD
EN
Sleep Mode
Normal Mode
Mode select window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com