Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 1 Page - Microchip Technology

  ATA663201 Datasheet HTML 1Page - Microchip Technology ATA663201 Datasheet HTML 2Page - Microchip Technology ATA663201 Datasheet HTML 3Page - Microchip Technology ATA663201 Datasheet HTML 4Page - Microchip Technology ATA663201 Datasheet HTML 5Page - Microchip Technology ATA663201 Datasheet HTML 6Page - Microchip Technology ATA663201 Datasheet HTML 7Page - Microchip Technology ATA663201 Datasheet HTML 8Page - Microchip Technology ATA663201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2018-2021 Microchip Technology Inc.
DS20006075D-page 1
ATA663201/03/31/54
Features
• ISO 26262 Functional Safety Ready
• Supply Voltage up to 40V
• Operating Voltage VVS = 5V to 28V
• Supply Current
- Sleep mode: typically 9 μA
- Silent mode: typically 47 μA
- Very low current consumption at low supply
voltages (2V < VVS < 5.5V): typically 130 μA
• Linear Low-Drop Voltage Regulator, 85 mA
Current Capability:
- MLC (multi-layer ceramic) capacitor with 0Ω
ESR
- Normal, Fail-Safe and Silent mode
- ATA663254: VVCC =5.0V, ±2%
- ATA663231: VVCC =3.3V, ±2%
• Sleep Mode: VCC is Switched Off
•Active Mode:
- ATA663203: VVCC =5.0V, ±2%
- ATA663201: VVCC =3.3V, ±2%
• VCC Undervoltage Detection with Open Drain
Reset Output (NRES, 4 ms Reset Time)
• Voltage Regulator is Short-Circuit and
Overtemperature Protected
• LIN Physical Layer According to LIN 2.0, 2.1, 2.2,
2.2A, ISO 17987-4 and SAEJ2602-2
• Wake-Up Capability via LIN Bus (100 μs
Dominant)
• Wake-Up Source Recognition
• TXD Time-Out Timer
• Bus Pin is Overtemperature and Short-Circuit
Protected Versus GND and Battery
• Advanced EMC and ESD Performance
• Fulfills the OEM “Hardware Requirements for LIN
in Automotive Applications Rev.1.3”
• Interference and Damage Protection According to
ISO7637
• AEC-Q100 and AEC-Q006 Qualified
• Packages:
- 8-Lead 3 x 3 VDFN (all types) with wettable
flanks (Moisture Sensitivity Level 1)
- 8-Lead SOIC (only ATA663254)
Description
The ATA663201/03/31/54 device family includes two
basic products: a LIN system basis chip (SBC) and a
low-drop voltage regulator with compatible footprints.
The ATA663231/54 (SBC) is a fully-integrated LIN
transceiver,
designed
according
to
the
LIN
specification 2.0, 2.1, 2.2, 2.2A, ISO 17987-4 and
SAEJ2602-2, with a low-drop voltage regulator (3.3V/
5V/85 mA). The combination of voltage regulator and
bus transceiver makes it possible to develop simple but
powerful nodes in LIN bus systems.
The ATA663231/54 is designed to handle the low-
speed data communication in vehicles (for example, in
convenience electronics). Improved slope control at
the LIN driver ensures secure data communication up
to 20 Kbaud. The bus output is designed to withstand
high voltage. Sleep mode and Silent mode ensure
minimized current consumption even in the case of a
floating or a short-circuited LIN bus.
The ATA663201/03 (voltage regulator) is a fully
integrated low-drop voltage regulator, with 3.3V/5V
output voltage and 85 mA current capability. It is
especially designed for the automotive environment. A
key feature is that the current consumption is always
below 170 μA (without load), even if the supply voltage
is below the regulator’s nominal output voltage.
Package Types
Note:
LIN SBC: LIN system basis chip including
LIN transceiver and voltage regulator.
Note:
The current LIN standards use the
terminology "Master" and "Slave”.
The LIN standard groups have decided
that
the
terms
"Commander"
and
"Responder" will be used in future.
NRES
EN
TXD
VS
LIN
1
2
3
4
8
7
6
5 GND
VCC
RXD
EP
9
ATA663231/ATA663254
3 x 3 VDFN*
NRES
NC
NC
VS
NC
1
2
3
4
8
7
6
5 GND
VCC
NC
EP
9
ATA663201/ATA663203
3x3 VDFN*
SBC
Voltage
Regulator
NRES
EN
TXD
VS
LIN
1
2
3
4
8
7
6
5 GND
VCC
RXD
ATA663254
SOIC
*Includes Exposed Thermal Pad (EP); see Table 1-4.
LIN Bus Device Family Including Voltage Regulator and LIN SBC
with Compatible Footprint


Similar Part No. - ATA663201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA663201 ATMEL-ATA663201 Datasheet
1Mb / 29P
LIN Bus Device Family including Voltage Regulator and LIN SBC(1) with Compatible Footprint
More results

Similar Description - ATA663201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA663203 ATMEL-ATA663203_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator and LIN SBC with Compatible Footprint
ATA663231 ATMEL-ATA663231_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator
ATA663254 ATMEL-ATA663254_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
LIN SBC including LIN Transceiver
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
LIN SBC including LIN Transceiver
ATA663201 ATMEL-ATA663201 Datasheet
1Mb / 29P
LIN Bus Device Family including Voltage Regulator and LIN SBC(1) with Compatible Footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com