Electronic Components Datasheet Search
  English  ▼

X  

ATA663201 Datasheet(PDF) 30 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 30 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 26Page - Microchip Technology ATA663201 Datasheet HTML 27Page - Microchip Technology ATA663201 Datasheet HTML 28Page - Microchip Technology ATA663201 Datasheet HTML 29Page - Microchip Technology ATA663201 Datasheet HTML 30Page - Microchip Technology ATA663201 Datasheet HTML 31Page - Microchip Technology ATA663201 Datasheet HTML 32Page - Microchip Technology ATA663201 Datasheet HTML 33Page - Microchip Technology ATA663201 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ATA663201/03/31/54
DS20006075D-page 30
 2018-2021 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
2.50
1.70
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.80
0.35
Microchip Technology Drawing C04-23358 Rev C
NOM
8-Lead Very Thin Plastic Dual Flat, No Lead Package (Q8B) - 3x3 mm Body [VDFN]
12
8
C
Contact Pad Spacing
3.00
Contact Pad to Center Pad (X8)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 2.40x1.60 mm Exposed Pad and Stepped Wettable Flanks
C
E
X1
Y1
Y2
EV
ØV
G1
SILK SCREEN
EV
X2
Pin 1 Index Chamfer
CH
0.20
Contact Pad to Contact Pad (X6)
G2
0.20
G2
CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com